Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3122CMPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3122CMPX
Description  Single 9A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122CMPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3122CMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3122CMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122 • Rev. 1.0.0
2
Ordering Information
Part Number
Logic
Input
Threshold
Package
Eco
Status
Packing
Method
Quantity
per Reel
FAN3121CMPX
3x3mm MLP-8
RoHS
Tape & Reel
3,000
FAN3121CMX
CMOS
SOIC-8
RoHS
Tape & Reel
2,500
FAN3121TMPX
3x3mm MLP-8
RoHS
Tape & Reel
3,000
FAN3121TMX
Inverting Channels +
Enable
TTL
SOIC-8
RoHS
Tape & Reel
2,500
FAN3122CMPX
3x3mm MLP-8
RoHS
Tape & Reel
3,000
FAN3122CMX
CMOS
SOIC-8
RoHS
Tape & Reel
2,500
FAN3122TMPX
3x3mm MLP-8
RoHS
Tape & Reel
3,000
FAN3122TMX
Non-Inverting Channels +
Enable
TTL
SOIC-8
RoHS
Tape & Reel
2,500
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outlines
Figure 3.
3x3mm MLP-8 (Top View)
Figure 4.
SOIC-8 (Top View)
Thermal Characteristics
(1)
Package
Θ
JL
(2)
Θ
JT
(3)
Θ
JA
(4)
Ψ
JB
(5)
Ψ
JT
(6)
Units
8-Lead 3x3mm Molded Leadless Package (MLP)
1.2
64
42
2.8
0.7
°C/W
8-Pin Small Outline Integrated Circuit (SOIC)
38
29
87
41
2.3
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
ΘJL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads
(including any thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
ΘJT): Thermal resistance between the semiconductor junction and the top surface of the package,
assuming it is held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking,
and airflow. The value given is for natural convection with no heatsink, as specified in JEDEC standards
JESD51-2, JESD51-5, and JESD51-7, as appropriate.
5.
Psi_JB (
ΨJB): Thermal characterization parameter providing correlation between semiconductor junction
temperature and an application circuit board reference point for the thermal environment defined in Note 4. For
the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and
protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB
copper adjacent to pin 6.
6.
Psi_JT (
ΨJT): Thermal characterization parameter providing correlation between the semiconductor junction
temperature and the center of the top of the package for the thermal environment defined in Note 4.


Similar Part No. - FAN3122CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3122CMPX FAIRCHILD-FAN3122CMPX Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3122CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com