Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ8.0C Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # SMAJ8.0C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

SMAJ8.0C Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  SMAJ8.0C Datasheet HTML 1Page - UNIOHM CORPORATION SMAJ8.0C Datasheet HTML 2Page - UNIOHM CORPORATION SMAJ8.0C Datasheet HTML 3Page - UNIOHM CORPORATION SMAJ8.0C Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 400
Watts
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
Maximum Instantenous Forward Voltage at 25.0A for
superimposed on rated load (JEDEC method) (NOTE 3)
Unidirectional only
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
* For surface mount application
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
260 C / 10 seconds at terminals
* Typical IR less than 1 A above 10V
* Fast response time: Typically less than
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end except Bidirectional
* Mounting position: Any
Weight: 0.063 grams
SMAJ SERIES
*
VOLTAGE RANGE
5.0 to 170 Volts
400 Watts Peak Power
IFSM
40
Amps
VF
3.5
Volts
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMAJ5.0 thru SMAJ170.
2. Electrical characteristics apply in both directions.
Dimensions in inches and (millimeters)
.208(5.28)
.194(4.93)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.090(2.29)
.078(1.98)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.
2
DO-214AC(SMA)


Similar Part No. - SMAJ8.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ8.0C BYTES-SMAJ8.0C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SMAJ8.0C ANOVA-SMAJ8.0C Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ8.0C ETC-SMAJ8.0C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
SMAJ8.0C ZSELEC-SMAJ8.0C Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMAJ8.0C SECOS-SMAJ8.0C Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results

Similar Description - SMAJ8.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com