Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3121CMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN3121CMX
Description  Single 9A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3121CMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN3121CMX Datasheet HTML 1Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3121CMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122 • Rev. 1.0.0
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to GND
-0.3
20.0
V
VEN
EN to GND
GND - 0.3 VDD + 0.3
V
VIN
IN to GND
GND - 0.3 VDD + 0.3
V
VOUT
OUT to GND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Human Body Model, JEDEC JESD22-A114
2
ESD
Electrostatic Discharge
Protection Level
Charged Device Model, JEDEC JESD22-C101
1
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VEN
Enable Voltage EN
0
VDD
V
VIN
Input Voltage IN
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC


Similar Part No. - FAN3121CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121CMX FAIRCHILD-FAN3121CMX Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
FAN3121CMX_F085 FAIRCHILD-FAN3121CMX_F085 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
FAN3121CMX_F085 FAIRCHILD-FAN3121CMX_F085_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3121CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com