Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5256MC-4F484C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LC5256MC-4F484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MC-4F484C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LC5256MC-4F484C Datasheet HTML 7Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 8Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 9Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 10Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 11Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 12Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 13Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 14Page - Lattice Semiconductor LC5256MC-4F484C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
11
Pseudo Dual-Port SRAM Mode
In Pseudo Dual-Port SRAM Mode the multi-function array is configured as a SRAM with an independent read and
write ports that access the same 16,384-bits of memory. Data widths of 1, 2, 4, 8, 16 and 32 are supported by the
MFB. Figure 10 shows the block diagram of the Pseudo Dual-Port SRAM.
Write data, write address, chip select and write enable signals are always synchronous (registered). The read data
and read address signals can be synchronous or asynchronous. Reset is asynchronous. All write signals share the
same clock, and clock enable. All read signals share the same clock and clock enable. Reset is shared by both
read and write signals. Table 6 shows the possible sources for the clock, clock enable and initialization signals for
the various registers.
Figure 10. Pseudo Dual-Port SRAM Block Diagram
Table 6. Register Clock, Clock Enable, and Reset in Pseudo Dual-Port SRAM Mode
Register
Input
Source
Write Address, Write
Data, Write Enable,
and Write Chip Select
Clock
WCLK or one of the global clocks (CLK0 - CLK3). The selected signal can
be inverted if desired.
Clock Enable
WCEN or one of the global clocks (CLK1 - CLK2). The selected signal can
be inverted if desired.
Reset
Created by the logical OR of the global reset signal and RST. RST may have
inversion if desired.
Read Data and Read
Address
Clock
RCLK or one of the global clocks (CLK0 - CLK3). The selected signal can be
inverted if desired.
Clock Enable
RCEN or one of the global clocks (CLK1 - CLK2). The selected signal can
be inverted if desired.
Reset
Created by the logical OR of the global reset signal and RST. RST may have
inversion if desired.
68 Inputs
From
Routing
16,384 bit
Pseudo
Dual
Port
SRAM
Array
Write Address
(WAD[0:8-13])
Write Clk Enable (WCEN)
Write Clock (WCLK)
Read Address
(RAD[0:8-13])
Write Enable (WE)
Write Chip Sel (WCS[0,1])
Reset (RST)
Read Clk Enable (RCEN)
Read Clock (RCLK)
Write Data
(WD[0:0,1,3,7,15,31])
RESET
CLK0
CLK3
CLK1
CLK2
Read Data
(RD[0:0-15])


Similar Part No. - LC5256MC-4F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5256MC-4F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com