Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1963A-15KTTT Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1963A-15KTTT
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15KTTT Datasheet(HTML) 1 Page - Texas Instruments

  TL1963A-15KTTT Datasheet HTML 1Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 2Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 3Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 4Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 5Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 6Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 7Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 8Page - Texas Instruments TL1963A-15KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
APPLICATIONS
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
KTT PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TL1963A-xx
www.ti.com ........................................................................................................................................................ SLVS719A – JUNE 2008 – REVISED AUGUST 2008
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
2
• Optimized for Fast Transient Response
• Reverse-Battery Protection
• Output Current: 1.5 A
• No Reverse Current
• Dropout Voltage: 340 mV
• Thermal Limiting
• Low Noise: 40 µV
RMS (10 Hz to 100 kHz)
• 1-mA Quiescent Current
• 3.3-V to 2.5-V Logic Power Supplies
• No Protection Diodes Needed
• Post Regulator for Switching Supplies
• Controlled Quiescent Current in Dropout
• Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V,
and 3.3 V
• Adjustable Output Voltage: 1.21 V to 20 V
• Less Than 1-µA Quiescent Current in
Shutdown
• Stable with 10-µF Output Capacitor
• Stable with Ceramic Capacitors
The TL1963A-xx is a low-dropout (LDO) regulator optimized for fast transient response. The device can supply
1.5 A of output current with a dropout voltage of 340 mV. Operating quiescent current is 1 mA, dropping to less
than 1
µA in shutdown. Quiescent current is well controlled; it does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the TL1963A-xx regulators have very low output noise, which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21 V to 20 V. The TL1963A-xx regulators are stable with output capacitors as low
as 10
µF. Small ceramic capacitors can be used without the necessary addition of ESR, as is common with other
regulators. Internal protection circuitry includes reverse-battery protection, current limiting, thermal limiting, and
reverse-current protection. The devices are available in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, and 3.3 V,
and as an adjustable device with a 1.21-V reference voltage. The TL1963A-xx regulators are available in the
5-pin TO-263 (KTT) package.
ORDERING INFORMATION(1)
VOUT
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
(TYP)
1.5 V
TL1963A-15KTTR
TL1963A-15
1.8 V
TL1963A-18KTTR
TL1963A-18
–40°C to 125°C
2.5 V
TO-263 (KTT)
Reel of 500
TL1963A-25KTTR
TL1963A-25
3.3 V
TL1963A-33KTTR
TL1963A-33
ADJ
TL1963AKTTR
TL1963A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, PowerFLEX are trademarks of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL1963A-15KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-15KTTT TI-TL1963A-15KTTT Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15KTTT TI-TL1963A-15KTTT Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15KTTT TI1-TL1963A-15KTTT Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Similar Description - TL1963A-15KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com