Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A12301E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A12301E
Description  IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A12301E Datasheet(HTML) 3 Page - Texas Instruments

  TS5A12301E Datasheet HTML 1Page - Texas Instruments TS5A12301E Datasheet HTML 2Page - Texas Instruments TS5A12301E Datasheet HTML 3Page - Texas Instruments TS5A12301E Datasheet HTML 4Page - Texas Instruments TS5A12301E Datasheet HTML 5Page - Texas Instruments TS5A12301E Datasheet HTML 6Page - Texas Instruments TS5A12301E Datasheet HTML 7Page - Texas Instruments TS5A12301E Datasheet HTML 8Page - Texas Instruments TS5A12301E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
THERMAL IMPEDANCE RATINGS
TS5A12301E
www.ti.com ................................................................................................................................................................................................ SCES707 – AUGUST 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNC
VNO
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
V+ < VNC, VNO, VCOM or
IIK
Analog port diode current
–50
50
mA
VNC, VNO, VCOM < 0
INC
On-state switch current
–200
200
INO
VNC, VNO, VCOM = 0 to V+
mA
On-state peak switch current(6)
–400
400
ICOM
VI
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+ or GND
–100
100
mA
IGND
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle
UNIT
θ
JA
Package thermal impedance(1)
YFP package
154.2
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A12301E


Similar Part No. - TS5A12301E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI-TS5A12301EYFPR Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI1-TS5A12301EYFPR Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
TS5A12301EYFPR TI1-TS5A12301EYFPR Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A12301E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com