Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1963A-33KTTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL1963A-33KTTR
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-33KTTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL1963A-33KTTR Datasheet HTML 4Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 9Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 10Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 11Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TL1963A (Adjustable)
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TL1963A (Adjustable)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TL1963A-3.3
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TL1963A-3.3
TL1963A-xx
SLVS719A – JUNE 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TL1963A-33KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI1-TL1963A-33KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Similar Description - TL1963A-33KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com