Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38500ASDX-ADJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38500ASDX-ADJ
Description  1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38500ASDX-ADJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP38500ASDX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LP38500ASDX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
//htmlimg2.alldatasheet.com/htmldatasheet2/245051/NSC/LP38500ASDX-ADJ/470/7/LP38500ASDX-ADJ.png


Similar Part No. - LP38500ASDX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38500ASDX-ADJ/NOPB TI-LP38500ASDX-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500ASDX-ADJ/NOPB TI1-LP38500ASDX-ADJ/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38500ASDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
   3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com