Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP7NK80Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP7NK80Z
Description  N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP7NK80Z Datasheet HTML 1Page - STMicroelectronics STP7NK80Z Datasheet HTML 2Page - STMicroelectronics STP7NK80Z Datasheet HTML 3Page - STMicroelectronics STP7NK80Z Datasheet HTML 4Page - STMicroelectronics STP7NK80Z Datasheet HTML 5Page - STMicroelectronics STP7NK80Z Datasheet HTML 6Page - STMicroelectronics STP7NK80Z Datasheet HTML 7Page - STMicroelectronics STP7NK80Z Datasheet HTML 8Page - STMicroelectronics STP7NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STP7NK80Z - STP7NK80ZFP - STB7NK80Z - STB7NK80Z-1
2/13
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤5.2A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
STP7NK80Z
STB7NK80Z
STB7NK80Z-1
STP7NK80ZFP
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
800
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
5.2
5.2 (*)
A
ID
Drain Current (continuous) at TC = 100°C
3.3
3.3 (*)
A
IDM ( )
Drain Current (pulsed)
20.8
20.8 (*)
A
PTOT
Total Dissipation at TC = 25°C
125
30
W
Derating Factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
4000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
-55 to 150
°C
°C
TO-220
D2PAK
I2PAK
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
1
4.2
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
50
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
5.2
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
210
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V


Similar Part No. - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
943Kb / 17P
   N-channel 800 V, 1.5 廓, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH??Power MOSFET
logo
Inchange Semiconductor ...
STP7NK80Z ISC-STP7NK80Z Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
STP7NK80ZF ISC-STP7NK80ZF Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP7NK80ZFP STMICROELECTRONICS-STP7NK80ZFP Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
   N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
579Kb / 12P
   N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
   N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK65Z STMICROELECTRONICS-STP5NK65Z Datasheet
286Kb / 9P
   N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?줡ower MOSFET
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
   N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com