Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2590 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590
Description  2.4-GHz RF Front End, 14-dBm output power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2590 Datasheet HTML 5Page - Texas Instruments CC2590 Datasheet HTML 6Page - Texas Instruments CC2590 Datasheet HTML 7Page - Texas Instruments CC2590 Datasheet HTML 8Page - Texas Instruments CC2590 Datasheet HTML 9Page - Texas Instruments CC2590 Datasheet HTML 10Page - Texas Instruments CC2590 Datasheet HTML 11Page - Texas Instruments CC2590 Datasheet HTML 12Page - Texas Instruments CC2590 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Controlling the Output Power from CC2590
Input Levels on Control Pins
Connecting CC2590 to a CC24xx Device
RF_P
RXTX
RF_N
RF_P
TXRX_SWITCH
RF_N
CC24xx
RREG_OUT (CC243x,CC2480),
VREGOUT (CC2420),GIO1(CC2400)
Alternatively
VDD/GND
to
/MCU
(CC2420)
Alternatively
fromMCU
RF_P
RXTX
RF_N
= PCBtraceinductor
CC2590
ANT
PAEN
EN
HGM
VDD
VDD
VDD
RF_P
RXTX
RF_N
L112
C113
C111
L111
C112
C161
C101/C102
C131/C132
R151
P1_1(CC243x),GPIO1(CC2480),
GIO6(CC2400)
L21
CC2590
www.ti.com ........................................................................................................................................................................................ SWRS080 – SEPTEMBER 2008
The output power of CC2590 is controlled by controlling the input power. The CC2590 PA is designed to work in
compression (class AB), and the best efficiency is reached when a strong input signal is applied.
The four digital control pins (PAEN, EN, HGM, RXTX) have built-in level-shifting functionality, meaning that if the
CC2590 is operating from a 3.6-V supply voltage, the control pins will still sense 1.6-V - 1.8-V signals as logical
‘1’.
An example of the above would be that RXTX is connected directly to the RXTX pin on CC24xx, but the global
supply voltage is 3.6-V. The RXTX pin on CC24xx will switch between 0-V (RX) and 1.8-V(TX), which is still a
high enough voltage to control the mode of CC2590.
The input voltages should however not have logical ‘1’ level that is higher than the supply.
Table 3. Control Logic for Connecting CC2590 to a CC24xx Device
PAEN = EN
RXTX
HGM
MODE OF OPERATION
0
X
X
Power Down
1
0
0
RX Low Gain Mode
1
0
1
RX High Gain Mode
1
1
X
TX
Figure 11. CC2590 + CC24xx Application Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CC2590


Similar Part No. - CC2590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590RGVR TI-CC2590RGVR Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590RGVRG4 TI-CC2590RGVRG4 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590RGVT TI-CC2590RGVT Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590RGVTG4 TI-CC2590RGVTG4 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
More results

Similar Description - CC2590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com