Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO256LUTSE-4FT324C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LCMXO256LUTSE-4FT324C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO256LUTSE-4FT324C Datasheet(HTML) 2 Page - Lattice Semiconductor

  LCMXO256LUTSE-4FT324C Datasheet HTML 1Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 2Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 3Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 4Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 5Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 6Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 7Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 8Page - Lattice Semiconductor LCMXO256LUTSE-4FT324C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
August 2006
Data Sheet DS1002
© 2006 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
1-1
DS1002 Introduction_01.3
Features
■ Non-volatile, Infinitely Reconfigurable
• Instant-on – powers up in microseconds
• Single chip, no external configuration memory
required
• Excellent design security, no bit stream to
intercept
• Reconfigure SRAM based logic in milliseconds
• SRAM and non-volatile memory programmable
through JTAG port
• Supports background programming of
non-volatile memory
■ Sleep Mode
• Allows up to 100x static current reduction
■ TransFR™ Reconfiguration (TFR)
• In-field logic update while system operates
■ High I/O to Logic Density
• 256 to 2280 LUT4s
• 73 to 271 I/Os with extensive package options
• Density migration supported
• Lead free/RoHS compliant packaging
■ Embedded and Distributed Memory
• Up to 27.6 Kbits sysMEM™ Embedded Block
RAM
• Up to 7.5 Kbits distributed RAM
• Dedicated FIFO control logic
■ Flexible I/O Buffer
• Programmable sysIO™ buffer supports wide
range of interfaces:
− LVCMOS 3.3/2.5/1.8/1.5/1.2
− LVTTL
− PCI
− LVDS, Bus-LVDS, LVPECL, RSDS
■ sysCLOCK™ PLLs
• Up to two analog PLLs per device
• Clock multiply, divide, and phase shifting
■ System Level Support
• IEEE Standard 1149.1 Boundary Scan
• Onboard oscillator
• Devices operate with 3.3V, 2.5V, 1.8V or 1.2V
power supply
• IEEE 1532 compliant in-system programming
Introduction
The MachXO is optimized to meet the requirements of
applications traditionally addressed by CPLDs and low
capacity FPGAs: glue logic, bus bridging, bus interfac-
ing, power-up control, and control logic. These devices
bring together the best features of CPLD and FPGA
devices on a single chip.
Table 1-1. MachXO Family Selection Guide
Device
LCMXO256
LCMXO640
LCMXO1200
LCMXO2280
LUTs
256
640
1200
2280
Dist. RAM (Kbits)
2.0
6.0
6.25
7.5
EBR SRAM (Kbits)
0
0
9.2
27.6
Number of EBR SRAM Blocks (9 Kbits)
0013
VCC Voltage
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
1.2/1.8/2.5/3.3V
Number of PLLs
0012
Max. I/O
78
159
211
271
Packages
100-pin TQFP (14x14 mm)
78
74
73
73
144-pin TQFP (20x20 mm)
113
113
113
100-ball csBGA (8x8 mm)
78
74
132-ball csBGA (8x8 mm)
101
101
101
256-ball ftBGA (17x17 mm)
159
211
211
324-ball ftBGA (19x19 mm)
271
MachXO Family Data Sheet
Introduction


Similar Part No. - LCMXO256LUTSE-4FT324C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO256LUTSE-4FT324C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com