Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3762-EIRHAR Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF3762-EIRHAR
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3762-EIRHAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF3762-EIRHAR Datasheet HTML 7Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 8Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 9Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 10Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 11Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 12Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 13Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 14Page - Texas Instruments TRF3762-EIRHAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TRF3762
www.ti.com ....................................................................................................................................................... SLWS205A – JANUARY 2008 – REVISED MAY 2008
Table 1. Register 1: Device Setup
REGISTER 1 MAPPING
Data Field
DB31
FULL_CAL_REQ
This is a read only bit, that indicates if a
0 power-up cal is not required
power-up cal is required
1 power-up cal is required
DB30
CP_TEST
TI internal use only
1 test enabled
DB29
TRIS_CP
High-impedance state charge pump
1 CP high-impedance state
output
0 for normal operation
DB28
PFD_POL
Selects Polarity of PFD, should match
0 negative
polarity of VCO gain. If using external
1 positive
VCO with Negative gain then set to 0
and vise versa. The internal VCO has
positive gain so set to positive(1)
DB27
ABPW1
ABPW<1,0>: anti-backlash pulse width
00 1.5ns delay
01 0.9ns delay
10 3.8ns delay
11 2.7ns delay
DB26
ABPW0
DB25
RDIV_13
14-bit reference clock divider
RDIV<13,0>:00...01: divide by 1
RDIV<13,0>:00...10: divide by 2
DB24
RDIV_12
RDIV<13,0>:00...11: divide by 3
DB23
RDIV_11
DB22
RDIV_10
DB21
RDIV_9
DB20
RDIV_8
DB19
RDIV_7
DB18
RDIV_6
DB17
RDIV_5
DB16
RDIV_4
DB15
RDIV_3
DB14
RDIV_2
DB13
RDIV_1
DB12
RDIV_0
DB11
PD_BUFOUT
If DB10 = 0 then it controls power down
<DB10:11>:
of output buffer
00 default; output buffer on
01 output buffer off
1x output buffer on/off controlled by
OUTBUF_EN pin
DB10
OUTBUF_EN_SEL
Select Output Buffer enable control:
0 internal
1 through OUTBUF_EN pin
DB9
OUT_MODE_1
OUTBUFMODE<1,0>: Selection of RF
00 divide by 1
output buffer division ratio
01 divide by 2
DB8
OUT_MODE_0
10 divide by 4
DB7
ICP2
ICP<2,0>: select charge pump current
(1 mA step). From 1.4mA to 11.2mA
DB6
ICP1
with Rbias set to 2.37K
Ω.
DB5
ICP0
DB4
RESET
Registers reset
1 high
0 low for normal operation
Address
DB3
Address Bits <3,0>=0000 for register 1
Bits
DB2
DB1
DB0
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TRF3762


Similar Part No. - TRF3762-EIRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3761-A TI-TRF3761-A Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-A TI1-TRF3761-A Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3762-EIRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com