Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3762 Datasheet(PDF) 18 Page - Texas Instruments

Part # TRF3762
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3762 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF3762 Datasheet HTML 14Page - Texas Instruments TRF3762 Datasheet HTML 15Page - Texas Instruments TRF3762 Datasheet HTML 16Page - Texas Instruments TRF3762 Datasheet HTML 17Page - Texas Instruments TRF3762 Datasheet HTML 18Page - Texas Instruments TRF3762 Datasheet HTML 19Page - Texas Instruments TRF3762 Datasheet HTML 20Page - Texas Instruments TRF3762 Datasheet HTML 21Page - Texas Instruments TRF3762 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Re-Calibration After Power Up
TRF3762
SLWS205A – JANUARY 2008 – REVISED MAY 2008 ....................................................................................................................................................... www.ti.com
c. Set DB<30:18> of register 2 to the desired frequency. For example: 2200MHz would be 0100010011000
(2200).
d. Set DB31of register 2 to 1 to start the calibration. The VCO calibration runs for 5ms. During the cal
procedure it will not be possible to program register 2 and 3. At the end of the calibration, bit DB31 of
register 2 resets to 0.
e. Subsequent frequency programming requires DB31 to be set to 0.
Register 3
• Completion of the frequency set up, on initial calibration, cannot proceed until 5ms has elapsed, due to full
calibration, then it will require that the A and B values, the prescalar ratio, be known. See Synthesizing a
Selected Frequency section below for calculation. Reference Table 3.
a. The first 4 bits of the 32-bit code sent to the chip are set DB <3:0> to 0010; which is the address of
register 3.
b. DB<5:4> sets the prescalar ratio, 8/9, 16/17, 32/33, 64/65. For example: if 16/17 are required, set the
register bits DB<5:4> to 01.
c. DB<11:6> sets the A value for the N counter. For example: if A is 4, set DB<11:6> as follows: 000100 (4).
d. DB<24:12> sets the B value for the N counter. For example: if B is 1156, set DB<24:12> as follows:
0010010000100 (4).
e. DB<28:25> sets the TEST_MUX. This allows the user to check via the microcontroller the state of the
TRF3762 by programming it to one of 6 states. The most common state to use is the Digital lock Detect
which places the pin in a logic high state with indicates the VCO is locked.
Table 4. MUX-Out Settings
STATE
DB<28:25>
STATE
DB<28:25>
3-state o/p ( High impedance state on Pin 39)
0000
RDiv o/p (Shows R-value on Pin 39)
0100
Digital lock Detect (High when locked on Pin 39)
0001
Analog lock detect (High when locked on Pin 39)
0101
N-Divider o/p (Shows N-value on Pin 39)
0010
Read back ( read back register settings)
0110
DVDD (internal TI use)
0011
DGND (internal TI use)
0111
f.
DB29 sets the START LOCK, which is set to 0, on the initial frequency setup and then set to 1 on
additional frequency changes.
Once all registers are written, the TRF3762 will lock to the desired frequency. In order to change the frequency
once the initial calibration is complete, only registers 2 and 3 need to be reprogrammed. No calibration is
required.
Assuming the TRF3762 is powered up and operational, a VCO calibration is also possible without powering
down the IC. To perform such calibration the following procedure is recommended:
• Set bit DB4 (RESET) of register 1 to 1. This performs a software reset and clears all registers of VCO
calibration data. Once the reset command is issued then DB4 of register 1 will need to be set to 0.
• Repeat the Initial Calibration and Frequency setup at Power up section, skipping the power up section and
performing the register programming sequence.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TRF3762


Similar Part No. - TRF3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3761-A TI-TRF3761-A Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-A TI1-TRF3761-A Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com