Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8800 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8800 Datasheet HTML 1Page - Texas Instruments DRV8800 Datasheet HTML 2Page - Texas Instruments DRV8800 Datasheet HTML 3Page - Texas Instruments DRV8800 Datasheet HTML 4Page - Texas Instruments DRV8800 Datasheet HTML 5Page - Texas Instruments DRV8800 Datasheet HTML 6Page - Texas Instruments DRV8800 Datasheet HTML 7Page - Texas Instruments DRV8800 Datasheet HTML 8Page - Texas Instruments DRV8800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
DRV8800
DRV8801
www.ti.com ............................................................................................................................................................... SLVS855A – JULY 2008 – REVISED JULY 2008
DMOS FULL-BRIDGE MOTOR DRIVERS
• Crossover-Current Protection
2
• Low ON-Resistance [R
ds(ON)] Outputs
• 16-Pin QFN With PowerPAD™ Package
• Overcurrent Protection
• Motor Lead Short-to-Supply Protection
• Printers
• Short-to-Ground Protection
• Industrial Automation
• Low-Power Mode
• Synchronous Rectification
• Diagnostic Output
• Internal Undervoltage Lockout (UVLO)
Designed to control dc motors by using pulse width modulation (PWM), the DRV8800/DRV8801 is capable of
peak output currents up to ±2.8 A and operating voltages up to 36 V.
The PHASE and ENABLE inputs provide dc motor speed and direction control by applying external pulse-width
modulation (PWM) and control signals. Internal synchronous rectification control circuitry provides lower power
dissipation during PWM operation.
Internal circuit protection includes motor lead short-to-supply/short-to-ground, thermal shutdown with hysteresis,
undervoltage monitoring of VBB and VCP, and crossover-current protection.
The DRV8800/DRV8801 is supplied in a thin-profile 16-pin QFN (RTY) PowerPAD™ package, providing
enhanced thermal dissipation. The devices are lead free (Pb free).
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
DRV8800RTYR
DRV8800A0RTY
DRV8800RTYT
DRV8800A0RTY
–20°C to 80°C
Plastic QFN 16 (S-PQFP-16) – RTY
DRV8801RTYR
DRV8801A0RTY
DRV8801RTYT
DRV8801A0RTY
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWP TI-DRV8800PWP Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWPR TI-DRV8800PWPR Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800QPWPRQ1 TI1-DRV8800QPWPRQ1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com