Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-5M132C Datasheet(PDF) 30 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-5M132C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-5M132C Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-5M132C Datasheet HTML 26Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 27Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 28Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 29Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 30Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 31Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 32Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 33Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
3-4
DC and Switching Characteristics
Lattice Semiconductor
MachXO Family Data Sheet
Initialization Supply Current
1, 2, 3, 4
Over Recommended Operating Conditions
1. For further information on supply current, please see details of additional technical documentation at the end of this data sheet.
2. Assumes all I/O pins are held at VCCIO or GND.
3. Frequency = 0MHz.
4. Typical user pattern.
Symbol
Parameter
Device
Typ.
5
5. TJ = 25
oC, power supplies at nominal voltage.
Units
ICC
Core Power Supply
LCMXO256C
13
mA
LCMXO640C
17
mA
LCMXO1200C
21
mA
LCMXO2280C
23
mA
LCMXO256E
10
mA
LCMXO640E
14
mA
LCMXO1200E
18
mA
LCMXO2280E
20
mA
ICCAUX
Auxiliary Power Supply
VCCAUX = 3.3V
LCMXO256E/C
10
mA
LCMXO640E/C
13
mA
LCMXO1200E/C
24
mA
LCMXO2280E/C
25
mA
ICCIO
Bank Power Supply
6
6. Per Bank, VCCIO = 2.5V. Does not include pull-up/pull-down.
All devices
2
mA


Similar Part No. - LCMXO1200LUTSC-5M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-5M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com