Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-5M132C Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-5M132C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-5M132C Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-5M132C Datasheet HTML 16Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 17Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 18Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 19Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 20Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 21Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 22Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 23Page - Lattice Semiconductor LCMXO1200LUTSC-5M132C Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
2-17
Architecture
Lattice Semiconductor
MachXO Family Data Sheet
Table 2-8. I/O Support Device by Device
Table 2-9. Supported Input Standards
MachXO256
MachXO640
MachXO1200
MachXO2280
Number of I/O Banks
2488
Type of Input Buffers
Single-ended
(all I/O Banks)
Single-ended
(all I/O Banks)
Single-ended
(all I/O Banks)
Differential Receivers
(all I/O Banks)
Single-ended
(all I/O Banks)
Differential Receivers
(all I/O Banks)
Types of Output Buffers
Single-ended buffers
with complementary
outputs (all I/O Banks)
Single-ended buffers
with complementary
outputs (all I/O Banks)
Single-ended buffers
with complementary
outputs (all I/O Banks)
Differential buffers with
true LVDS outputs (50%
on left and right side)
Single-ended buffers
with complementary
outputs (all I/O Banks)
Differential buffers with
true LVDS outputs (50%
on left and right side)
Differential Output
Emulation Capability
All I/O Banks
All I/O Banks
All I/O Banks
All I/O Banks
PCI Support
No
No
Top side only
Top side only
VCCIO (Typ.)
Input Standard
3.3V
2.5V
1.8V
1.5V
1.2V
Single Ended Interfaces
LVTTL
LVCMOS33
LVCMOS25
LVCMOS18
LVCMOS15
LVCMOS12
PCI
1
Differential Interfaces
BLVDS
2, LVDS2, LVPECL2, RSDS2
1. Top Banks of MachXO1200 and MachXO2280 devices only.
2. MachXO1200 and MachXO2280 devices only.


Similar Part No. - LCMXO1200LUTSC-5M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-5M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com