Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1640 Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # SR1640
Description  16.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

SR1640 Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  SR1640 Datasheet HTML 1Page - UNIOHM CORPORATION SR1640 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SR1620 THRU SR1660)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2000
2400
2800
1600
1200
800
400
0
100
50
0
150
250
200
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
SR1650~SR1
660
SR16
20~S
R164
5
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
4
8
12
16
20
24
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS


Similar Part No. - SR1640

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1640 BYTES-SR1640 Datasheet
172Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR1640 JINANJINGHENG-SR1640 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR1640 HY-SR1640 Datasheet
480Kb / 4P
   Schottky Barrier Recitifiers
logo
Shanghai Lunsure Electr...
SR1640 CHENYI-SR1640 Datasheet
145Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR1640 CHENG-YI-SR1640 Datasheet
135Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1640

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SR16150CT GWSEMI-SR16150CT Datasheet
71Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF16150CT GWSEMI-SRF16150CT Datasheet
72Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR1620 FORMOSA-SR1620 Datasheet
46Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SRF1620CT GWSEMI-SRF1620CT Datasheet
73Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1620CT GWSEMI-SR1620CT Datasheet
73Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR1620 BYTES-SR1620 Datasheet
172Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com