Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-4M132C Datasheet(PDF) 87 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-4M132C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-4M132C Datasheet(HTML) 87 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-4M132C Datasheet HTML 83Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 84Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 85Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 86Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 87Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 88Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 89Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 90Page - Lattice Semiconductor LCMXO1200LUTSC-4M132C Datasheet HTML 91Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
5-7
Ordering Information
Lattice Semiconductor
MachXO Family Data Sheet
Lead-Free Packaging
Commercial
Part Number
LUTs
Supply Voltage
I/Os
Grade
Package
Pins
Temp.
LCMXO256C-3TN100C
256
1.8V/2.5V/3.3V
78
-3
Lead-Free TQFP
100
COM
LCMXO256C-4TN100C
256
1.8V/2.5V/3.3V
78
-4
Lead-Free TQFP
100
COM
LCMXO256C-5TN100C
256
1.8V/2.5V/3.3V
78
-5
Lead-Free TQFP
100
COM
LCMXO256C-3MN100C
256
1.8V/2.5V/3.3V
78
-3
Lead-Free csBGA
100
COM
LCMXO256C-4MN100C
256
1.8V/2.5V/3.3V
78
-4
Lead-Free csBGA
100
COM
LCMXO256C-5MN100C
256
1.8V/2.5V/3.3V
78
-5
Lead-Free csBGA
100
COM
Part Number
LUTs
Supply Voltage
I/Os
Grade
Package
Pins
Temp.
LCMXO640C-3TN100C
640
1.8V/2.5V/3.3V
74
-3
Lead-Free TQFP
100
COM
LCMXO640C-4TN100C
640
1.8V/2.5V/3.3V
74
-4
Lead-Free TQFP
100
COM
LCMXO640C-5TN100C
640
1.8V/2.5V/3.3V
74
-5
Lead-Free TQFP
100
COM
LCMXO640C-3MN100C
640
1.8V/2.5V/3.3V
74
-3
Lead-Free csBGA
100
COM
LCMXO640C-4MN100C
640
1.8V/2.5V/3.3V
74
-4
Lead-Free csBGA
100
COM
LCMXO640C-5MN100C
640
1.8V/2.5V/3.3V
74
-5
Lead-Free csBGA
100
COM
LCMXO640C-3TN144C
640
1.8V/2.5V/3.3V
113
-3
Lead-Free TQFP
144
COM
LCMXO640C-4TN144C
640
1.8V/2.5V/3.3V
113
-4
Lead-Free TQFP
144
COM
LCMXO640C-5TN144C
640
1.8V/2.5V/3.3V
113
-5
Lead-Free TQFP
144
COM
LCMXO640C-3MN132C
640
1.8V/2.5V/3.3V
101
-3
Lead-Free csBGA
132
COM
LCMXO640C-4MN132C
640
1.8V/2.5V/3.3V
101
-4
Lead-Free csBGA
132
COM
LCMXO640C-5MN132C
640
1.8V/2.5V/3.3V
101
-5
Lead-Free csBGA
132
COM
LCMXO640C-3FTN256C
640
1.8V/2.5V/3.3V
159
-3
Lead-Free ftBGA
256
COM
LCMXO640C-4FTN256C
640
1.8V/2.5V/3.3V
159
-4
Lead-Free ftBGA
256
COM
LCMXO640C-5FTN256C
640
1.8V/2.5V/3.3V
159
-5
Lead-Free ftBGA
256
COM
Part Number
LUTs
Supply Voltage
I/Os
Grade
Package
Pins
Temp.
LCMXO1200C-3TN100C
1200
1.8V/2.5V/3.3V
73
-3
Lead-Free TQFP
100
COM
LCMXO1200C-4TN100C
1200
1.8V/2.5V/3.3V
73
-4
Lead-Free TQFP
100
COM
LCMXO1200C-5TN100C
1200
1.8V/2.5V/3.3V
73
-5
Lead-Free TQFP
100
COM
LCMXO1200C-3TN144C
1200
1.8V/2.5V/3.3V
113
-3
Lead-Free TQFP
144
COM
LCMXO1200C-4TN144C
1200
1.8V/2.5V/3.3V
113
-4
Lead-Free TQFP
144
COM
LCMXO1200C-5TN144C
1200
1.8V/2.5V/3.3V
113
-5
Lead-Free TQFP
144
COM
LCMXO1200C-3MN132C
1200
1.8V/2.5V/3.3V
101
-3
Lead-Free csBGA
132
COM
LCMXO1200C-4MN132C
1200
1.8V/2.5V/3.3V
101
-4
Lead-Free csBGA
132
COM
LCMXO1200C-5MN132C
1200
1.8V/2.5V/3.3V
101
-5
Lead-Free csBGA
132
COM
LCMXO1200C-3FTN256C
1200
1.8V/2.5V/3.3V
211
-3
Lead-Free ftBGA
256
COM
LCMXO1200C-4FTN256C
1200
1.8V/2.5V/3.3V
211
-4
Lead-Free ftBGA
256
COM
LCMXO1200C-5FTN256C
1200
1.8V/2.5V/3.3V
211
-5
Lead-Free ftBGA
256
COM
Part Number
LUTs
Supply Voltage
I/Os
Grade
Package
Pins
Temp.
LCMXO2280C-3TN100C
2280
1.8V/2.5V/3.3V
73
-3
Lead-Free TQFP
100
COM
LCMXO2280C-4TN100C
2280
1.8V/2.5V/3.3V
73
-4
Lead-Free TQFP
100
COM
LCMXO2280C-5TN100C
2280
1.8V/2.5V/3.3V
73
-5
Lead-Free TQFP
100
COM


Similar Part No. - LCMXO1200LUTSC-4M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-4M132C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com