Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-3T144C Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-3T144C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-3T144C Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-3T144C Datasheet HTML 20Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 21Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 22Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 23Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 24Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 25Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 26Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 27Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
2-21
Architecture
Lattice Semiconductor
MachXO Family Data Sheet
the system. These capabilities make the MachXO ideal for many multiple power supply and hot-swap applica-
tions.
Sleep Mode
The MachXO “C” devices (VCC = 1.8/2.5/3.3V) have a sleep mode that allows standby current to be reduced dra-
matically during periods of system inactivity. Entry and exit to Sleep mode is controlled by the SLEEPN pin.
During Sleep mode, the logic is non-operational, registers and EBR contents are not maintained, and I/Os are tri-
stated. Do not enter Sleep mode during device programming or configuration operation. In Sleep mode, power sup-
plies are in their normal operating range, eliminating the need for external switching of power supplies. Table 2-11
compares the characteristics of Normal, Off and Sleep modes.
Table 2-11. Characteristics of Normal, Off and Sleep Modes
SLEEPN Pin Characteristics
The SLEEPN pin behaves as an LVCMOS input with the voltage standard appropriate to the VCC supply for the
device. This pin also has a weak pull-up, along with a Schmidt trigger and glitch filter to prevent false triggering. An
external pull-up to VCC is recommended when Sleep Mode is not used to ensure the device stays in normal oper-
ation mode. Typically, the device enters sleep mode several hundred nanoseconds after SLEEPN is held at a valid
low and restarts normal operation as specified in the Sleep Mode Timing table. The AC and DC specifications por-
tion of this data sheet shows a detailed timing diagram.
Oscillator
Every MachXO device has an internal CMOS oscillator. The oscillator can be routed as an input clock to the clock
tree or to general routing resources. The oscillator frequency can be divided by internal logic. There is a dedicated
programming bit to enable/disable the oscillator. The oscillator frequency ranges from 18MHz to 26MHz.
Configuration and Testing
The following section describes the configuration and testing features of the MachXO family of devices.
IEEE 1149.1-Compliant Boundary Scan Testability
All MachXO devices have boundary scan cells that are accessed through an IEEE 1149.1 compliant test access
port (TAP). This allows functional testing of the circuit board, on which the device is mounted, through a serial scan
path that can access all critical logic nodes. Internal registers are linked internally, allowing test data to be shifted in
and loaded directly onto test nodes, or test data to be captured and shifted out for verification. The test access port
consists of dedicated I/Os: TDI, TDO, TCK and TMS. The test access port shares its power supply with one of the
VCCIO Banks (MachXO256: VCCIO1; MachXO640: VCCIO2; MachXO1200 and MachXO2280: VCCIO5) and can
operate with LVCMOS3.3, 2.5, 1.8, 1.5, and 1.2 standards.
For more details on boundary scan test, please see information regarding additional technical documentation at
the end of this data sheet.
Characteristic
Normal
Off
Sleep
SLEEPN Pin
High
Low
Static Icc
Typical <10mA
0
Typical <100uA
I/O Leakage
<10µA
<1mA
<10µA
Power Supplies VCC/VCCIO/VCCAUX
Normal Range
0
Normal Range
Logic Operation
User Defined
Non Operational
Non operational
I/O Operation
User Defined
Tri-state
Tri-state
JTAG and Programming circuitry
Operational
Non-operational
Non-operational
EBR Contents and Registers
Maintained
Non-maintained
Non-maintained


Similar Part No. - LCMXO1200LUTSC-3T144C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-3T144C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com