Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-3T144C Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-3T144C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-3T144C Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-3T144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 43Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 44Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 45Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 46Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 47Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 48Page - Lattice Semiconductor LCMXO1200LUTSC-3T144C Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
November 2007
Data Sheet DS1002
© 2006 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
4-1
DS1002 Pinouts_01.7
Signal Descriptions
Signal Name
I/O
Descriptions
General Purpose
P[Edge] [Row/Column
Number]_[A/B/C/D/E/F]
I/O
[Edge] indicates the edge of the device on which the pad is located. Valid edge designa-
tions are L (Left), B (Bottom), R (Right), T (Top).
[Row/Column Number] indicates the PFU row or the column of the device on which the
PIO Group exists. When Edge is T (Top) or (Bottom), only need to specify Row Number.
When Edge is L (Left) or R (Right), only need to specify Column Number.
[A/B/C/D/E/F] indicates the PIO within the group to which the pad is connected.
Some of these user programmable pins are shared with special function pins. When not
used as special function pins, these pins can be programmed as I/Os for user logic.
During configuration of the user-programmable I/Os, the user has an option to tri-state the
I/Os and enable an internal pull-up resistor. This option also applies to unused pins (or
those not bonded to a package pin). The default during configuration is for user-program-
mable I/Os to be tri-stated with an internal pull-up resistor enabled. When the device is
erased, I/Os will be tri-stated with an internal pull-up resistor enabled.
GSRN
I
Global RESET signal (active low). Dedicated pad, when not in use it can be used as an I/O
pin.
TSALL
I
TSALL is a dedicated pad for the global output enable signal. When TSALL is high all the
outputs are tristated. It is a dual function pin. When not in use, it can be used as an I/O pin.
NC
No connect.
GND
GND - Ground. Dedicated pins.
VCC
VCC - The power supply pins for core logic. Dedicated pins.
VCCAUX
VCCAUX - the Auxiliary power supply pin. This pin powers up a variety of internal circuits
including all the differential and referenced input buffers. Dedicated pins.
VCCIOx
—VCCIO - The power supply pins for I/O Bank x. Dedicated pins.
SLEEPN
1
I
Sleep Mode pin - Active low sleep pin. When this pin is held high, the device operates nor-
mally. This pin has a weak internal pull-up, but when unused, an external pull-up to VCC is
recommended. When driven low, the device moves into Sleep mode after a specified time.
PLL and Clock Functions (Used as user programmable I/O pins when not used for PLL or clock pins)
[LOC][0]_PLL[T, C]_IN
Reference clock (PLL) input Pads: [LOC] indicates location. Valid designations are ULM
(Upper PLL) and LLM (Lower PLL). T = true and C = complement.
[LOC][0]_PLL[T, C]_FB
Optional feedback (PLL) input Pads: [LOC] indicates location. Valid designations are ULM
(Upper PLL) and LLM (Lower PLL). T = true and C = complement.
PCLK [n]_[1:0]
Primary Clock Pads, n per side.
Test and Programming (Dedicated pins)
TMS
I
Test Mode Select input pin, used to control the 1149.1 state machine.
TCK
I
Test Clock input pin, used to clock the 1149.1 state machine.
TDI
I
Test Data input pin, used to load data into the device using an 1149.1 state machine.
TDO
O
Output pin -Test Data output pin used to shift data out of the device using 1149.1.
1. Applies to MachXO “C” devices only. NC for “E” devices.
MachXO Family Data Sheet
Pinout Information


Similar Part No. - LCMXO1200LUTSC-3T144C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-3T144C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com