Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO1200LUTSC-3T100C Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # LCMXO1200LUTSC-3T100C
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO1200LUTSC-3T100C Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button LCMXO1200LUTSC-3T100C Datasheet HTML 39Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 40Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 41Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 42Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 43Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 44Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 45Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 46Page - Lattice Semiconductor LCMXO1200LUTSC-3T100C Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
3-17
DC and Switching Characteristics
Lattice Semiconductor
MachXO Family Data Sheet
Flash Download Time
JTAG Port Timing Specifications
Figure 3-5. JTAG Port Timing Waveforms
Symbol
Parameter
Min.
Typ.
Max.
Units
tREFRESH
Minimum VCC or VCCAUX
(later of the two supplies)
to Device I/O Active
LCMXO256
0.4
ms
LCMXO640
0.6
ms
LCMXO1200
0.8
ms
LCMXO2280
1.0
ms
Symbol
Parameter
Min.
Max.
Units
fMAX
TCK [BSCAN] clock frequency
25
MHz
tBTCP
TCK [BSCAN] clock pulse width
40
ns
tBTCPH
TCK [BSCAN] clock pulse width high
20
ns
tBTCPL
TCK [BSCAN] clock pulse width low
20
ns
tBTS
TCK [BSCAN] setup time
8
ns
tBTH
TCK [BSCAN] hold time
10
ns
tBTRF
TCK [BSCAN] rise/fall time
50
mV/ns
tBTCO
TAP controller falling edge of clock to output valid
10
ns
tBTCODIS
TAP controller falling edge of clock to output disabled
10
ns
tBTCOEN
TAP controller falling edge of clock to output enabled
10
ns
tBTCRS
BSCAN test capture register setup time
8
ns
tBTCRH
BSCAN test capture register hold time
25
ns
tBUTCO
BSCAN test update register, falling edge of clock to output valid
25
ns
tBTUODIS
BSCAN test update register, falling edge of clock to output disabled
25
ns
tBTUPOEN
BSCAN test update register, falling edge of clock to output enabled
25
ns
Rev. A 0.19
TMS
TDI
TCK
TDO
Data to be
captured
from I/O
Data to be
driven out
to I/O
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
a
t
a
D
d
il
a
V
Data Captured
tBTCPH
tBTCPL
tBTCOEN
tBTCRS
tBTUPOEN
tBUTCO
tBTUODIS
tBTCRH
tBTCO
tBTCODIS
tBTS
tBTH
tBTCP


Similar Part No. - LCMXO1200LUTSC-3T100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO1200LUTSC-3T100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com