Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS601 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # RS601
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RS601 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  RS601 Datasheet HTML 1Page - UNIOHM CORPORATION RS601 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 6.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
RS601 RS602 RS603 RS604 RS605 RS606 RS607 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
6.0
250
10
200
-65
+150
-65
+125
V
A
A
V
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
RS601 THRU RS607
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
RS-6
* Low leakage current
6.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
Dimensions in inches and (millimeters)
.700(17.8)
.660(16.8)
1.00
(25.4)
.078
(2.0)
MIN.
.780(19.8)
.740(18.8)
.280(7.1)
.268(6.8)
.052(1.3)
.048(1.2)
.220(5.6)
.180(4.6)
.935(23.7)
.895(22.7)
DIA.
SPACING
AC
+
.15FX.23L
(3.8FX5.7L)
HOLE THRU
A
A


Similar Part No. - RS601

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
CHENG-YI ELECTRONIC CO....
RS601 CHENG-YI-RS601 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
RS601 NJSEMI-RS601 Datasheet
88Kb / 1P
   SINGLE-PHASE SILICON BRIDGE
logo
Bytes
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
RS601 SY-RS601 Datasheet
237Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS601

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ601 UNIOHM-KBJ601 Datasheet
66Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS601 FORMOSA-RS601 Datasheet
31Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBJ601 GWSEMI-KBJ601 Datasheet
67Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com