Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE68 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # P6KE68
Description  600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

P6KE68 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  P6KE68 Datasheet HTML 1Page - UNIOHM CORPORATION P6KE68 Datasheet HTML 2Page - UNIOHM CORPORATION P6KE68 Datasheet HTML 3Page - UNIOHM CORPORATION P6KE68 Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL=75 C
Lead Length .375"(9.5mm) (NOTE 2)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
superimposed on rated load (JEDEC method) (NOTE 3)
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
C
* 600 Watts Surge Capability at 1ms
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
length, 5lbs.(2.3kg) tension
260 C / 10 seconds / .375"(9.5mm) lead
* Typical IR less than 1 A above 10V
* Fast response time: Typically less than
* Low zener impedance
* Excellent clamping capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
P6KE SERIES
*
VOLTAGE RANGE
6.8 to 440 Volts
600 Watts Peak Power
5.0 Watts Steady State
PD
5.0
Watts
IFSM
100
Amps
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. Mounted on Copper Pad area of 1.6" X 1.6" (40mm X 40mm) per Fig.5.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types P6KE6.8 thru P6KE440.
2. Electrical characteristics apply in both directions.
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.


Similar Part No. - P6KE68

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE68 TSC-P6KE68 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE68 PANJIT-P6KE68 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Yea Shin Technology Co....
P6KE68 YEASHIN-P6KE68 Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
P6KE68 DIGITRON-P6KE68 Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results

Similar Description - P6KE68

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
   600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com