Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBJ1501 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part No. GBJ1501
Description  SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNIOHM [UNIOHM CORPORATION]
Homepage  http://www.uniohm.com.tw
Logo 

GBJ1501 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 7.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
GBJ1501 GBJ1502 GBJ1503 GBJ1504 GBJ1505 GBJ1506 GBJ1507
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
240
10
0.8
60
500
-55
+150
-55
+150
V
A
V
GBJ1501 THRU GBJ1507
1.05
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Amperes
Dimensions in inches and (millimeters)
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
PF
Typical Thermal Resistance RqJC (Note 2)
Typical Junction Capacitance (Note 1)
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance from Junction to Case with device mounted on 300mm x 300mm x 1.6mm Cu Plate Heatsink.
GBJ
.303(7.7)
.287(7.3)
.402(10.2)
.386(9.8)
.303(7.7)
.287(7.3)
.150(3.8)
.134(3.4)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.094(2.4)
.078(2.0)
1.193(30.3)
1.169(29.7)
.114(2.9)
.098(2.5)
.031(0.8)
.023(0.6)
SPACING
~
~
Maximum Average Forward Current @Tc=100 C
15.0
A
A
A
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GBU1501SINGLE PHASE 15 AMP BRIDGE RECTIFIERS 1 2 List of Unclassifed Manufacturers
BR1005SINGLE PHASE 10 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
DB101SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
DB101SSINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
TS15P01G_1Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBJ601SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
BR305SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
GBJ801SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION
SPA2525 amp single phase bridge rectifiers 1 2 Microsemi Corporation
BR605SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 1 2 UNIOHM CORPORATION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn