Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR304 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # FR304
Description  3.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

FR304 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  FR304 Datasheet HTML 1Page - UNIOHM CORPORATION FR304 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3.0
200
5.0
150
60
-65
+150
V
A
A
V
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
FR301 THRU FR307
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Amperes
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
FR301 FR302 FR303
FR304 FR305 FR306 FR307 UNITS
A
A


Similar Part No. - FR304

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR304 WTE-FR304 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR304 YIXIN-FR304 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
FR304 GULFSEMI-FR304 Datasheet
1Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
logo
DIOTEC Electronics Corp...
FR304 DEC-FR304 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Leshan Radio Company
FR304 LRC-FR304 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
More results

Similar Description - FR304

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR301 YIXIN-FR301 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR301 FORMOSA-FR301 Datasheet
33Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR301 LUGUANG-FR301 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
logo
Bytes
BY396 BYTES-BY396 Datasheet
46Kb / 1P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR301 GWSEMI-FR301 Datasheet
67Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
MR850 BYTES-MR850 Datasheet
153Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR301 DGNJDZ-FR301 Datasheet
194Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com