Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR301G Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # FR301G
Description  3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

FR301G Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  FR301G Datasheet HTML 1Page - UNIOHM CORPORATION FR301G Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3.0
125
5.0
100
60
-65
+175
V
A
A
V
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
FR301G THRU FR307G
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Ampere
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
* Glass passivated junction
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
FR301G FR302G FR303G FR304G FR305G FR306G FR307G
UNITS
A
A


Similar Part No. - FR301G

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Microdiode Electronics ...
FR301G CHENDA-FR301G Datasheet
699Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
FR301G LUGUANG-FR301G Datasheet
178Kb / 2P
   3.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR301G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR301G FORMOSA-FR301G Datasheet
35Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR301G BYTES-FR301G Datasheet
153Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR301G GWSEMI-FR301G Datasheet
68Kb / 2P
   3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Cystech Electonics Corp...
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
   3.0Amp. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
   3.0AMP Glass Passivated Super Fast Rectifiers
logo
Shanghai Lunsure Electr...
RGP30A CHENYI-RGP30A Datasheet
52Kb / 3P
   3.0Amp glass passivated junction fast recovery rectifiers 50to1000 volts
logo
Tak Cheong Electronics ...
FR301 TAK_CHEONG-FR301 Datasheet
103Kb / 2P
   3.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
   3.0AMP Fast Recovery Rectifiers
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com