Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR153G Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # FR153G
Description  1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

FR153G Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  FR153G Datasheet HTML 1Page - UNIOHM CORPORATION FR153G Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
100
30
-65
+175
V
A
A
V
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
FR151G THRU FR157G
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Ampere
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
* Glass passivated junction
FR151G FR152G FR153G FR154G FR155G FR156G FR157G
UNITS
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
A
A


Similar Part No. - FR153G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR153G SHUNYE-FR153G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
FR153G RECTRON-FR153G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR153G DAESAN-FR153G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Sangdest Microelectroni...
FR153G SMC-FR153G Datasheet
160Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Formosa MS
FR153G FORMOSA-FR153G Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results

Similar Description - FR153G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR151G FORMOSA-FR151G Datasheet
33Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR150G FCI-FR150G Datasheet
134Kb / 2P
   1.5 Amp FAST RECOVERY Glass Passivated Rectifiers
logo
Goodwork Semiconductor ...
FR151G GWSEMI-FR151G Datasheet
67Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR151G BYTES-FR151G Datasheet
153Kb / 2P
   1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
   1.5 AMP Glass Passivated Fast Recovery Rectifier
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
   1.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
First Components Intern...
RGFZ15 FCI-RGFZ15 Datasheet
161Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Recovery Rectifiers Mechanical Dimensions
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
FR151G TSC-FR151G_1 Datasheet
247Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
   1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com