Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3977 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC3977
Description  3 W Packaged Single-Bias PHEMT GaAs Power FETs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3977 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC3977 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TC3977
PRE2_20050418
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
3 W Packaged Single-Bias PHEMT GaAs Power FETs
FEATURES
• 3W Typical Output Power
• 12dB Typical Linear Power Gain at 2.45GHz
• High Linearity: IP3 = 45 dBm Typical
• High Power Added Efficiency: Nominal PAE of 35%
• Breakdown Voltage: BV
DGO
≥ 18V
• Wg = 7.5 mm
• 100 % DC Tested
Suitable for High Reliability Application
DESCRIPTION
The TC3977 is a single-bias Cu-based ceramic packaged device with TC1706N PHEMT GaAs FETs, which is
designed to provide the single power supply. The Cu-based ceramic package provides excellent thermal
conductivity for the GaAs FET. The device is suitable for oscillator and power amplifiers in a wide range of
commercial application. All devices are 100% DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (@ 2.45 GHz)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point VDS = 10 V
34.5
35.5
dBm
GL
Linear Power Gain VDS = 10 V
12
dB
IP3
Intercept Point of the 3
rd-order Intermodulation V
DS = 10 V, *PSCL = 24 dBm
45
dBm
PAE
Power Added Efficiency at 1dB Compression Power
35
%
IDS
Drain-Source Current at VDS = 10 V
900
mA
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 3.75mA
18
22
Volts
Rth
Thermal Resistance
5.3
°C/W
Note: *PSCL: Output Power of Single Carrier Level.
PHOTO ENLARGEMENT
Preliminary


Similar Part No. - TC3977

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC390 ETC1-TC390 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC390AL ETC1-TC390AL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC390CL ETC1-TC390CL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC391 ETC1-TC391 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
logo
Transcom, Inc.
TC3911 TRANSCOM-TC3911 Datasheet
108Kb / 3P
   Low-Cost Single-Bias Low Noise PHEMT GaAs FETs
More results

Similar Description - TC3977

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
   2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
   Packaged Single-Bias Medium Power PHEMT GaAs FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
   5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
   2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
   0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com