Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA018-019-48-43 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA018-019-48-43
Description  PHS Band 8 Watt Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA018-019-48-43 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA018-019-48-43 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA018-019-48-43
REV2_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
PHS Band 8 Watt Amplifier
FEATURES
• ACPR ( 600 kHz ) @ Pout = 38.5 dBm : -69 dBc
• Bias Condition : 5.5 A @ +12 V, 20 mA @ -10 V
• Small Signal Gain : 48 dB
• Psat : 43 dBm
DESCRIPTION
The TA018-019-48-43 is a 8W power amplifier designed for high linearity applications in the 1.893 to 1.920
GHz frequency range. This amplifier utilizes high power devices that provide excellent linearity, high gain
and wide dynamic range. High efficiency operation is achieved by using advanced GaAs PHEMT devices.
APPLICATION : PHS base station
ELECTRICAL SPECIFICATIONS (Ta = 25
°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
1893
1920
MHz
SSG
Small Signal Gain
48
dB
GOF
Small Signal Gain Flatness
±0.3
±0.5
dB
GOT
Gain Variation Over Temperature
±0.5
±1.0
dB
Psat
Output Saturation Power
43
dBm
ACPR
ACPR 600kHz @ Pout = 38.5 dBm,
Pi/4 DQPSK, Rate = 384 kbps, BW = 192 kHz,
Root-Nyquist, Alpha = 0.5
-70
-69
dBc
VSWR, In
Input VSWR
2 : 1
------
VSWR, Out
Output VSWR
2 : 1
------
Vs
DC Supply Voltage
(with built-in regulator)
+12
Volt
Id
Current Supply
5.5
A
Vg
DC Supply Voltage
-10
Volt
Ig
Current Supply
20
mA
VDET
Detector Voltage @ 38.5 dBm
2.4
3.4
Volt
OTR
Operating Temperature Range
-10
+25
+80
ºC
CASE: HA4


Similar Part No. - TA018-019-48-43

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
   PHS Band 16 Watt Amplifier
More results

Similar Description - TA018-019-48-43

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
   PHS Band 16 Watt Amplifier
logo
Toshiba Semiconductor
TG2006F TOSHIBA-TG2006F Datasheet
204Kb / 5P
   1.9GHz BAND POWER AMPLIFIER PHS, DIGITAL CORDLESS TELECOMMUNICATION
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082_15 Datasheet
224Kb / 6P
   PHS Power Amplifier
logo
Toshiba Semiconductor
TG2002V TOSHIBA-TG2002V Datasheet
217Kb / 6P
   1.9GHz BAND POWER AMPLIFIER MODULE (PHS DIGITAL CORDLESS TELEPHONE)
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
logo
Kyocera Kinseki Corpota...
LSFB25-243-220K0 KSS-LSFB25-243-220K0 Datasheet
150Kb / 1P
   200MHz Band SAW Filter of PHS
logo
TriQuint Semiconductor
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA2510-TS TRIQUINT-TGA2510-TS_15 Datasheet
504Kb / 12P
   Ku Band, 2 Watt Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com