Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MS6336 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part No. MS6336
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSA [MOSA ELECTRONICS]
Homepage  http://www.mosanalog.com
Logo 

MS6336 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV1.0
6
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Channel separation vs. supply voltage
Channel separation vs. supply voltage
Quiescent current vs. supply voltage
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
PSRR vs. frequency
PSRR vs. frequency
Quiescent current vs. supply voltage
VDD=2.4V, VFS
SE, 32ohm
VDD=5V, VFS
SE, 32ohm
VDD=3.3V, VFS
SE, 32ohm
VFS ,f=1kHz
BTL, 8ohm
VFS ,f=1kHz
SE, 32ohm
SE
BTL
All Devices activate.
VDD=5V
BTL, 8ohm
VDD=5V
SE, 32ohm
CAP=10u
CAP=1uF
CAP=1uF
CAP=10u
SE
BTL
LPD or RPD
DAC activates.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn