Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFE270SE-7FN256I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # LFE270SE-7FN256I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE270SE-7FN256I Datasheet(HTML) 4 Page - Lattice Semiconductor

  LFE270SE-7FN256I Datasheet HTML 1Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 2Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 3Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 4Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 5Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 6Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 7Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 8Page - Lattice Semiconductor LFE270SE-7FN256I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 386 page
background image
www.latticesemi.com
2-1
DS1006 Architecture_01.9
August 2008
Data Sheet DS1006
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Architecture Overview
Each LatticeECP2/M device contains an array of logic blocks surrounded by Programmable I/O Cells (PIC). Inter-
spersed between the rows of logic blocks are rows of sysMEM™ Embedded Block RAM (EBR) and rows of sys-
DSP™ Digital Signal Processing blocks, as shown in Figure 2-1. In addition, the LatticeECP2M family contains
SERDES Quads in one or more of the corners. Figure 2-2 shows the block diagram of ECP2M20 with one quad.
There are two kinds of logic blocks, the Programmable Functional Unit (PFU) and Programmable Functional Unit
without RAM (PFF). The PFU contains the building blocks for logic, arithmetic, RAM and ROM functions. The PFF
block contains building blocks for logic, arithmetic and ROM functions. Both PFU and PFF blocks are optimized for
flexibility, allowing complex designs to be implemented quickly and efficiently. Logic Blocks are arranged in a two-
dimensional array. Only one type of block is used per row.
The LatticeECP2/M devices contain one or more rows of sysMEM EBR blocks. sysMEM EBRs are large dedicated
18K fast memory blocks. Each sysMEM block can be configured in a variety of depths and widths of RAM or ROM.
In addition, LatticeECP2/M devices contain up to two rows of DSP Blocks. Each DSP block has multipliers and
adder/accumulators, which are the building blocks for complex signal processing capabilities.
The LatticeECP2M devices feature up to 16 embedded 3.125Gbps SERDES (Serializer / Deserializer) channels.
Each SERDES channel contains independent 8b/10b encoding / decoding, polarity adjust and elastic buffer logic.
Each group of four SERDES channels along with its Physical Coding Sub-layer (PCS) block, creates a quad. The
functionality of the SERDES/PCS Quads can be controlled by memory cells set during device configuration or by
registers that are addressable during device operation. The registers in every quad can be programmed by a soft
IP interface, referred to as the SERDES Client Interface (SCI). These quads (up to four) are located at the corners
of the devices.
Each PIC block encompasses two PIOs (PIO pairs) with their respective sysI/O buffers. The sysI/O buffers of the
LatticeECP2/M devices are arranged in eight banks, allowing the implementation of a wide variety of I/O standards.
In addition, a separate I/O bank is provided for the programming interfaces. PIO pairs on the left and right edges of
the device can be configured as LVDS transmit/receive pairs. The PIC logic also includes pre-engineered support
to aid in the implementation of high speed source synchronous standards such as SPI4.2, along with memory
interfaces including DDR2.
Other blocks provided include PLLs, DLLs and configuration functions. The LatticeECP2/M architecture provides
two General PLLs (GPLL) and up to six Standard PLLs (SPLL) per device. In addition, each LatticeECP2/M family
member provides two DLLs per device. The GPLLs and DLLs blocks are located in pairs at the end of the bottom-
most EBR row; the DLL block is located towards the edge of the device. The SPLL blocks are located at the end of
the other EBR/DSP rows.
The configuration block that supports features such as configuration bit-stream decryption, transparent updates
and dual boot support is located toward the center of this EBR row. The Ball Grid Array (BGA) package devices in
the LatticeECP2/M family supports a sysCONFIG™ port located in the corner between banks four and five, which
allows for serial or parallel device configuration.
In addition, every device in the family has a JTAG port. This family also provides an on-chip oscillator and soft error
detect capability. The LatticeECP2/M devices use 1.2V as their core voltage.
LatticeECP2/M Family Data Sheet
Architecture


Similar Part No. - LFE270SE-7FN256I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE270SE-7FN256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com