Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V62C51864 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part No. V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 10Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MOSEL VITELIC
V62C51864
9
V62C51864 Rev. 2.1 June 1998
Package Diagrams
28-pin 600 mil Plastic DIP
28-pin 330 mil SOP
15
¡ MAX
0.543
±0.010
[13.79
±0.254]
INDEX
0.062 [1.57] MAX
0.100 [2.54] TYP.
0.018
±0.003
[0.457
±0.076]
0.060 +0.020
–0.022
0.152 +0.508
–0.559
0.195 [4.95] MAX
0.118 [3.00] MIN
0.020 [0.508] MIN
1.407
+0.008
–0.012
35.56
+0.203
–0.305
0.600 [15.24] TYP
0.010
±0.002
[0.254
± 0.51]
0.991
+0.508
–0.559
0.039
+0.020
–0.022
Units in inches [mm]
0.465
± 0.012
[11.81
± 0.305]
0.008 [0.203]
0.402
±0.012
[10.21
± 0.203]
0.713 [18.11] TYP
0.050 [1.27] TYP
0.018
± 0.004
[0.457
± 0.102]
0.006
± 0.002
[0.152
± 0.051]
INDEX
0.339
± 0.008
[8.61
± 0.203]
"A"
0 MIN
(STAND OFF)
0.031
± 0.008
[0.787
± 0.203]
0.112 [0.285] MAX
0.024 [0.610]
0.008 [0.203] MAX
0.027 [0.686] MAX
View "A"
0.098
± 0.005
[2.49
± 0.127]
Units in inches [mm]


Similar Part No. - V62C51864

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
   128K X 8 STATIC RAM
V62C5181024L-35P MOSEL-V62C5181024L-35P Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35PI MOSEL-V62C5181024L-35PI Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35T MOSEL-V62C5181024L-35T Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
More results

Similar Description - V62C51864

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz