Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V62C51864 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part No. V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V62C51864 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
V62C51864 Rev. 2.1 June 1998
MOSEL VITELIC
V62C51864
DC Electrical Characteristics (over all temperature ranges, VCC = 5V ± 10%)
NOTES:
1.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
2.
VIL (Min.) = -3.0V for pulse width < 20ns.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIL
Input LOW Voltage
(1,2)
-0.5
0.8
V
VIH
Input HIGH Voltage
(1)
2.2
6
V
IIL
Input Leakage Current
V
CC = Max, VIN = 0V to VCC
-5
5
mA
IOL
Output Leakage Current
V
CC = Max, CE = VIH, VOUT = 0V to VCC
-5
5
mA
VOL
Output LOW Voltage
V
CC = Min, IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
V
CC = Min, IOH = -1mA
2.4
V
Symbol
Parameter
Power Com.(4) Ind.(4)
Units
ICC
Operating Power Supply Current, CE
1 = VIL, CE2 = VIH,
Output Open, V
CC = Max., f = 0
READ
5
6
mA
WRITE
0
50
ICC1
Average Operating Current, CE
1 = VIL, CE2 = VIH, Output Open,
VCC = Max., f = fMAX
(3)
60
70
mA
ISB
TTL Standby Current
CE1 ³ VIH, CE2 £ VIL, VCC = Max.
L34
mA
LL
2
3
ISB1
CMOS Standby Current, CE
1 ³ VCC – 0.2V, CE2 £ 0.2V,
VIN ³ VCC – 0.2V or VIN £ 0.2V, VCC = Max.
L60
70
mA
LL
15
30
3.
fMAX = 1/tRC.
4.
Maximum values.
AC Test Conditions
AC Test Loads and Waveforms
Key to Switching Waveforms
Input Pulse Levels
0 to 3V
Input Rise and Fall Times
5 ns
Timing Reference Levels
1.5V
Output Load
see below
+5V
1800
½
990
½
* Includes scope and jig capacitance
I/O Pins
CL = 30 pF*
51864 06
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGING
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGING
FROM L TO H
DON'T CARE:
ANY CHANGE
PERMITTED
CHANGING:
STATE
UNKNOWN
DOES NOT
APPLY
CENTER
LINE IS HIGH
IMPEDANCE
“OFF” STATE


Similar Part No. - V62C51864

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
   128K X 8 STATIC RAM
V62C5181024L-35P MOSEL-V62C5181024L-35P Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35PI MOSEL-V62C5181024L-35PI Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35T MOSEL-V62C5181024L-35T Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
More results

Similar Description - V62C51864

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz