Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V62C51864 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part No. V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V62C51864 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOSEL VITELIC
V62C51864
3
V62C51864 Rev. 2.1 June 1998
Part Number Information
Absolute Maximum Ratings (1)
NOTE:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol
Parameter
Commercial
Industrial
Units
VCC
Supply Voltage
-0.5 to +7
-0.5 to +7
V
VN
Input Voltage
-0.5 to +7
-0.5 to +7
V
VDQ
Input/Output Voltage Applied
V
CC + 0.5
VCC + 0.5
V
TBIAS
Temperature Under Bias
-10 to +125
-65 to +135
°C
TSTG
Storage Temperature
-55 to +125
-65 to +150
°C
SRAM
FAMILY
C = CMOS PROCESS
62 = STANDARD
51 = 5V
OPERATING
VOLTAGE
64K
ORGANIZATION
PKG
SPEED
51864 05
PWR.
62
C
8
51
64
MOSEL-VITELIC
MANUFACTURED
V
8 = 8-bit
35 ns
70 ns
TEMP.
BLANK = 0
¡C to 70¡C
I = -40
¡C to +85¡C
L = LOW POWER
LL = DOUBLE LOW POWER
P = 600 mil PDIP
F = 330 mil SOP (450 mil pin-to-pin)
DENSITY
Capacitance*
TA = 25°C, f = 1.0MHz
NOTE:
* This parameter is guaranteed and not tested.
Truth Table
NOTE:
X = Don’t Care, L = LOW, H = HIGH
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
V
IN = 0V
6
pF
COUT
Output Capacitance
V
I/O = 0V
8
pF
Mode
CE1
CE2
OE
WE
I/O
Operation
Standby
H
X
X
X
High Z
Standby
X
L
X
X
High Z
Output Disable
L
H
H
H
High Z
Read
LHLH
DOUT
Write
L
H
X
L
DIN


Similar Part No. - V62C51864

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
   128K X 8 STATIC RAM
V62C5181024L-35P MOSEL-V62C5181024L-35P Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35PI MOSEL-V62C5181024L-35PI Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35T MOSEL-V62C5181024L-35T Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
More results

Similar Description - V62C51864

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz