Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V62C51864 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part No. V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V62C51864 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
V62C51864 Rev. 2.1 June 1998
MOSEL VITELIC
V62C51864
Pin Descriptions
A0–A12
Address Inputs
These 13 address inputs select one of the 8,192 x
8-bit words in the RAM.
CE1, CE2 Chip Enable Inputs
CE1 is active LOW and CE2 is active HIGH. Both
chip enables must be active to read from or write to
the device. If either chip enable is not active, the
device is deselected and is in a standby power
mode. The I/O pins will be in the high-impedance
state when deselected.
OE
Output Enable Input
The Output Enable input is active LOW. When OE
is LOW with CE1 LOW, CE2 HIGH, and WE HIGH,
data of the selected memory location will be
available on the I/O pins. When OE is HIGH, the I/O
pins will be in the high impedance state.
WE
Write Enable Input
An active LOW input, WE input controls read and
write operations. When CE1 and WE inputs are
both LOW with CE2 HIGH, the data present on the
I/O pins will be written into the selected memory
location.
I/O0–I/O7 Data Input/Output Ports
These 8 bidirectional ports are used to read data
from and write data into the RAM.
VCC
Power Supply
GND
Ground
Pin Configuration
28-Pin Plastic DIP/SOP
Top View
VCC
A8
A9
A11
A10
OE
I/O0
I/O1
I/O2
GND
A0
A1
A2
A3
A4
A5
I/O7
I/O6
I/O5
I/O4
51864 02
CE2
WE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A12
A6
A7
I/O3
CE1


Similar Part No. - V62C51864

ManufacturerPart No.DatasheetDescription
Mosel Vitelic, Corp
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
   128K X 8 STATIC RAM
V62C5181024L-35P MOSEL-V62C5181024L-35P Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35PI MOSEL-V62C5181024L-35PI Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35T MOSEL-V62C5181024L-35T Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
More results

Similar Description - V62C51864

ManufacturerPart No.DatasheetDescription
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
Dallas Semiconductor
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
Winbond
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz