Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V62C51864 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C51864 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOSEL VITELIC
1
V62C51864
8K X 8 STATIC RAM
PRELIMINARY
V62C51864 Rev. 2.1 June 1998
Features
s High-speed: 35, 70 ns
s Ultra low DC operating current of 5mA (max.)
s Low Power Dissipation:
– TTL Standby: 2 mA (Max.)
– CMOS Standby: 15
mA (Max.)
s Fully static operation
s All inputs and outputs directly compatible
s Three state outputs
s Ultra low data retention current (VCC = 2V)
s Single 5V
± 10% Power Supply
s Packages
– 28-pin 600 mil PDIP
– 28-pin 330 mil SOP (450 mil pin-to-pin)
Description
The V62C51864 is a 65,536-bit static random
access memory organized as 8,192 words by 8
bits. It is built with MOSEL VITELIC’s high
performance CMOS process. Inputs and three-
state outputs are TTL compatible and allow for
direct
interfacing
with
common
system
bus
structures.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
P
F
35
70
L
LL
0
°C to 70°C
Blank
–40
°C to +85°C•
I
Functional Block Diagram
Row
Decoder
512 x 128
Memory Array
Input
Data
Circuit
Column I/O
Column Decoder
Control
Circuit
VCC
GND
A0
51864 01
A8
I/O0
I/O7
CE2
OE
WE
CE1
A9
A12


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M5M5256DFP-70VLL-I 262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V108CFP-70H 1048576-BIT 131072-WORD BY 8-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5W416CWG-85HI 4194304-BIT 262144-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
V61C3181024 128K X 8 HIGH SPEED STATIC RAM 1  2  3  4  5  More Mosel Vitelic, Corp
CYK001M16SCCA 16-Mbit 1M x 16 Pseudo Static RAM 1  2  3  4  5  More Cypress Semiconductor
MCM4464 1MB R4000 Secondary Cache Fast Static RAM Module Set 1  2  3  4  5  More Motorola, Inc
MCM6708A 64K x 4 Bit Static RAM 1  2  3  4  5  More Motorola, Inc
MCM72F6A 512KB and 1MB Synchronous Fast Static RAM Module 1  2  3  4  5  More Motorola, Inc
NTE6508 Integrated Circuit CMOS 1K Static RAM SRAM 1  2  3  4  NTE Electronics
T15M1024A 128K X 8 LOW POWER CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn