Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164B51ACT Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2164B51ACT
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164B51ACT Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2164B51ACT Datasheet HTML 1Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 2Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 3Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 4Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 5Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 6Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 7Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 8Page - Torex Semiconductor XC2164B51ACT Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
XC2164
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.50
3.30
3.63
V
"H" Level Input Voltage
VIH
2.4
-
-
V
"L" Level Input Voltage
VIL
-
-
0.4
V
"H" Level Output Voltage
VOH
CMOS: 2.97V, IOH= - 8mA
2.5
-
-
V
"L" Level Output Voltage
VOL
CMOS: 2.97V, IOH=8mA
-
-
0.4
V
XC2164Ax1T
-
4
(6.5)
XC2164Ax1V
-
5
(8)
XC2164Kx1T
-
4
(6.5)
Supply Current 1
IDD1
/INH=Open,
Q0=Open,
f=30MHz
XC2164Kx1V
-
5
(8)
mA
XC2164Ax1T
-
2
(4)
XC2164Ax1V
-
2
(4)
μA
XC2164Kx1T
-
(T.B.D.*) (T.B.D.*)
Supply Current 2
IDD2
/INH="L",
Q0=Open,
f=30MHz
XC2164Kx1V
-
(T.B.D.*) (T.B.D.*)
mA
Input Pull-Up Resistance 1
RUP1
/INH="L"
1.0
2.0
4.0
M
Ω
Input Pull-Up Resistance 2
RUP2
/INH=0.7 VDD
35
70
140
k
Ω
Internal Oscillation
Feedback Resistance
Rf
-
7.0
-
M
Ω
Output Disable
Leakage Current
IOZ
/INH="L"
-
-
10
μA
OSCILLATION FREQUENCY vs. SUPPLY VOLTAGE
NEGATIVE RESISTANCE VALUE
SYMBOL
VDD=3.3V±10%
VDD=5.0V±10%
VDD=3.3V
VDD=5.0V
M
±4.3ppm
±4.5ppm
- 130
Ω
- 220
Ω
V
±1.2ppm
±2.1ppm
- 150
Ω
- 250
Ω
T
±9.4ppm
±7.0ppm
- 660
Ω
- 760
Ω
Comparative Chart of Oscillation Frequency vs. Supply Voltage, and Negative Resistance Value
3.3V operation (unless otherwise stated, VDD=3.3V, No Load, Ta= -30~+80
℃)
■ ELECTRICAL CHARACTERISTICS (Continued)
●DC Electrical Characteristics (Continued)
XC2164Ax1T, V / XC2164Kx1T, V (Fundamental)
* T.B.D.: To be determined
(The designed value when 30MHz crystal is used.)


Similar Part No. - XC2164B51ACT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164B51 TOREX-XC2164B51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164B51ACT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com