Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFXP240E5IFN484C Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LFXP240E5IFN484C
Description  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP240E5IFN484C Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFXP240E5IFN484C Datasheet HTML 1Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 2Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 3Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 4Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 5Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 6Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP240E5IFN484C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
1-2
Introduction
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Introduction
LatticeXP2 devices combine a Look-up Table (LUT) based FPGA fabric with non-volatile Flash cells in an architec-
ture referred to as flexiFLASH.
The flexiFLASH approach provides benefits including instant-on, infinite reconfigurability, on chip storage with
FlashBAK embedded block memory and Serial TAG memory and design security. The parts also support Live
Update technology with TransFR, 128-bit AES Encryption and Dual-boot technologies.
The LatticeXP2 FPGA fabric was optimized for the new technology from the outset with high performance and low
cost in mind. LatticeXP2 devices include LUT-based logic, distributed and embedded memory, Phase Locked
Loops (PLLs), pre-engineered source synchronous I/O support and enhanced sysDSP blocks.
The ispLEVER
® design tool from Lattice allows large and complex designs to be efficiently implemented using the
LatticeXP2 family of FPGA devices. Synthesis library support for LatticeXP2 is available for popular logic synthesis
tools. The ispLEVER tool uses the synthesis tool output along with the constraints from its floor planning tools to
place and route the design in the LatticeXP2 device. The ispLEVER tool extracts the timing from the routing and
back-annotates it into the design for timing verification.
Lattice provides many pre-designed Intellectual Property (IP) ispLeverCORE™ modules for the LatticeXP2 family.
By using these IPs as standardized blocks, designers are free to concentrate on the unique aspects of their design,
increasing their productivity.


Similar Part No. - LFXP240E5IFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP240E5IFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com