Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFE212SE-7QN208I Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LFE212SE-7QN208I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE212SE-7QN208I Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LFE212SE-7QN208I Datasheet HTML 3Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 4Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 5Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 6Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 7Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 8Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 9Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 10Page - Lattice Semiconductor LFE212SE-7QN208I Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 386 page
background image
2-4
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-4. Slice Diagram
Table 2-2. Slice Signal Descriptions
Function
Type
Signal Names
Description
Input
Data signal
A0, B0, C0, D0
Inputs to LUT4
Input
Data signal
A1, B1, C1, D1
Inputs to LUT4
Input
Multi-purpose
M0
Multipurpose Input
Input
Multi-purpose
M1
Multipurpose Input
Input
Control signal
CE
Clock Enable
Input
Control signal
LSR
Local Set/Reset
Input
Control signal
CLK
System Clock
Input
Inter-PFU signal
FC
Fast Carry-in
1
Input
Inter-slice signal
FXA
Intermediate signal to generate LUT6 and LUT7
Input
Inter-slice signal
FXB
Intermediate signal to generate LUT6 and LUT7
Output
Data signals
F0, F1
LUT4 output register bypass signals
Output
Data signals
Q0, Q1
Register outputs
Output
Data signals
OFX0
Output of a LUT5 MUX
Output
Data signals
OFX1
Output of a LUT6, LUT7, LUT8
2 MUX depending on the slice
Output
Inter-PFU signal
FCO
Slice 2 of each PFU is the fast carry chain output
1
1. See Figure 2-4 for connection details.
2. Requires two PFUs.
LUT4 &
CARRY*
LUT4 &
CARRY*
SLICE
A0
C0
D0
FF*
OFX0
F0
Q0
A1
B1
C1
D1
CI
CI
CO
CO
CE
CLK
LSR
FF*
OFX1
F1
Q1
F/SUM
F/SUM
D
D
M1
FCI From Different Slice/PFU
FCO To Different Slice/PFU
LUT5
Mux
M0
From
Routing
To
Routing
FXB
FXA
B0
For Slices 0 and 2, memory control signals are generated from Slice 1 as follows:
WCK is CLK
WRE is from LSR
DI[3:2] for Slice 2 and DI[1:0] for Slice 0 data
WAD [A:D] is a 4bit address from slice 1 LUT input
* Not in Slice 3


Similar Part No. - LFE212SE-7QN208I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE212SE-7QN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com