Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6206P192LB Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6206P192LB
Description  Low ESR Cap.Compatible Positive Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P192LB Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6206P192LB Datasheet HTML 7Page - Torex Semiconductor XC6206P192LB Datasheet HTML 8Page - Torex Semiconductor XC6206P192LB Datasheet HTML 9Page - Torex Semiconductor XC6206P192LB Datasheet HTML 10Page - Torex Semiconductor XC6206P192LB Datasheet HTML 11Page - Torex Semiconductor XC6206P192LB Datasheet HTML 12Page - Torex Semiconductor XC6206P192LB Datasheet HTML 13Page - Torex Semiconductor XC6206P192LB Datasheet HTML 14Page - Torex Semiconductor XC6206P192LB Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
XC6206
Series
(9) Input Transient Response 2
(10) Load Transient Response
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Time (2ms / div)
Time (2ms / div)
Time (2ms / div)
Time (2ms / div)
Time (2ms / div)
Time (2ms / div)
Time (1ms / div)
Time (1ms / div)
Time (1ms / div)
11/17


Similar Part No. - XC6206P192LB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P121DR TOREX-XC6206P121DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LB TOREX-XC6206P121LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LH TOREX-XC6206P121LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121MR TOREX-XC6206P121MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121PR TOREX-XC6206P121PR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P192LB

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com