Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L032 Datasheet(PDF) 7 Page - AMIC Technology

Part # A25L032
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L032 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A25L032 Datasheet HTML 3Page - AMIC Technology A25L032 Datasheet HTML 4Page - AMIC Technology A25L032 Datasheet HTML 5Page - AMIC Technology A25L032 Datasheet HTML 6Page - AMIC Technology A25L032 Datasheet HTML 7Page - AMIC Technology A25L032 Datasheet HTML 8Page - AMIC Technology A25L032 Datasheet HTML 9Page - AMIC Technology A25L032 Datasheet HTML 10Page - AMIC Technology A25L032 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
6
AMIC Technology Corp.
Table 1. Protected Area Sizes
Status Register Content
Memory Protection
BP2
BP1
BP0
Block(s)
Addresses
Density
Portion
0
0
0
None
None
None
None
0
0
1
31
1F0000h – 1FFFFFh
64KB
Upper 1/32
0
1
0
30 – 31
1E0000h – 1FFFFFh
128KB
Upper 1/16
0
1
1
28 – 31
1C0000h – 1FFFFFh
256KB
Upper 1/8
1
0
0
24 – 31
180000h – 1FFFFFh
512KB
Upper 1/4
1
0
1
16 – 31
100000h – 1FFFFFh
1MB
Upper 1/2
1
1
X
0 – 31
000000h – 1FFFFFh
2MB
All
Note:
1.
X = don’t care
2.
The device is ready to accept a Chip Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0.


Similar Part No. - A25L032

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L032M-UF AMICC-A25L032M-UF Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032M-UFG AMICC-A25L032M-UFG Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032M-UFQ AMICC-A25L032M-UFQ Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032N-UF AMICC-A25L032N-UF Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032N-UFG AMICC-A25L032N-UFG Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L032

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016M-F AMICC-A25L016M-F Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com