Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFE270E-7F672I Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LFE270E-7F672I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE270E-7F672I Datasheet(HTML) 2 Page - Lattice Semiconductor

  LFE270E-7F672I Datasheet HTML 1Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 2Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 3Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 4Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 5Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 6Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 7Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 8Page - Lattice Semiconductor LFE270E-7F672I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 386 page
background image
www.latticesemi.com
1-1
DS1006 Introduction_01.7
June 2008
Data Sheet DS1006
© 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ High Logic Density for System Integration
• 6K to 95K LUTs
• 90 to 583 I/Os
■ Embedded SERDES (LatticeECP2M Only)
• Data Rates 250 Mbps to 3.125 Gbps
• Up to 16 channels per device
PCI Express, Ethernet (1GbE, SGMII), OBSAI,
CPRI and Serial RapidIO.
■ sysDSP™ Block
• 3 to 42 blocks for high performance multiply and
accumulate
• Each block supports
– One 36x36, four 18X18 or eight 9X9 multipliers
■ Flexible Memory Resources
• 55Kbits to 5308Kbits sysMEM™ Embedded
Block RAM (EBR)
– 18Kbit block
– Single, pseudo dual and true dual port
– Byte Enable Mode support
• 12K to 202Kbits distributed RAM
– Single port and pseudo dual port
■ sysCLOCK Analog PLLs and DLLs
• Two GPLLs and up to six SPLLs per device
– Clock multiply, divide, phase & delay adjust
– Dynamic PLL adjustment
• Two general purpose DLLs per device
■ Pre-Engineered Source Synchronous I/O
• DDR registers in I/O cells
• Dedicated gearing logic
• Source synchronous standards support
– SPI4.2, SFI4 (DDR Mode), XGMII
– High Speed ADC/DAC devices
• Dedicated DDR and DDR2 memory support
– DDR1: 400 (200MHz) / DDR2: 533 (266MHz)
• Dedicated DQS support
■ Programmable sysI/O™ Buffer Supports
Wide Range Of Interfaces
• LVTTL and LVCMOS 33/25/18/15/12
• SSTL 3/2/18 I, II
• HSTL15 I and HSTL18 I, II
• PCI and Differential HSTL, SSTL
• LVDS, RSDS, Bus-LVDS, MLVDS, LVPECL
■ Flexible Device Configuration
• 1149.1 Boundary Scan compliant
• Dedicated bank for configuration I/Os
• SPI boot flash interface
• Dual boot images supported
• TransFR™ I/O for simple field updates
• Soft Error Detect macro embedded
■ Optional Bitstream Encryption
(LatticeECP2/M “S” Versions Only)
■ System Level Support
• ispTRACY™ internal logic analyzer capability
• On-chip oscillator for initialization & general use
• 1.2V power supply
Table 1-1. LatticeECP2 (Including “S-Series”) Family Selection Guide
Device
ECP2-6
ECP2-12
ECP2-20
ECP2-35
ECP2-50
ECP2-70
LUTs (K)
6
12
21
32
48
68
Distributed RAM (Kbits)
12
24
42
64
96
136
EBR SRAM (Kbits)
55
221
276
332
387
1032
EBR SRAM Blocks
3
12
15
18
21
60
sysDSP Blocks
3678
18
22
18x18 Multipliers
12
24
28
32
72
88
GPLL + SPLL + DLL
2+0+2
2+0+2
2+0+2
2+0+2
2+2+2
2+4+2
Maximum Available I/O
190
297
402
450
500
583
Packages and I/O Combinations
144-pin TQFP (20 x 20 mm)
90
93
208-pin PQFP (28 x 28 mm)
131
131
256-ball fpBGA (17 x 17 mm)
190
193
193
484-ball fpBGA (23 x 23 mm)
297
331
331
339
672-ball fpBGA (27 x 27 mm)
402
450
500
500
900-ball fpBGA (31 x 31 mm)
583
LatticeECP2/M Family Data Sheet
Introduction


Similar Part No. - LFE270E-7F672I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE270E-7F672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com