Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFX500EB-4FE680I Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LFX500EB-4FE680I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX500EB-4FE680I Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LFX500EB-4FE680I Datasheet HTML 5Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 6Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 7Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 8Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 9Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 10Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 11Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 12Page - Lattice Semiconductor LFX500EB-4FE680I Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
9
Set/Reset signal controls all the registers for each PFU. This common Set/Reset signal is composed of the logical
OR term of the Global Set/Reset signal (GSR) and the selected signal from routing. The polarity of this signal is not
controllable inside the PFU. The polarity of the Global Set/Reset signal (GSR) is programmable. Figure 9 shows
the Clock Enable and Output Enable selection for each PFU.
Figure 7. Clock Selection per PFU
Figure 8. Set/Reset Selection per PFU
Figure 9. Clock Enable and Output Enable Selection per PFU
Programmable Input/Output Cell
The Programmable Input/Output Cell (PIC) is an essential part of the symmetrical architecture of the ispXPGA
Family. The PICs interface the PFUs and EBRs to the sysIO and sysHSI blocks of the device.
Each PIC contains two Programmable Input/Outputs (PIOs) with a total of 21 inputs and 10 outputs. There are 18
inputs from routing, two inputs from the sysIO buffers, and the Global Set/Reset signal. Four outputs of the PIC
connect to routing and two outputs are available as Output Enables for the tri-statable Long Lines. The remaining
four outputs feed the sysIO buffers directly (one output enable and one output to each). Each PIC associated with
a sysHSI block has four additional inputs and six additional outputs to support the sysHSI blocks. The four addi-
tional inputs come from the sysHSI block associated with the PIC. The four of the six additional outputs come from
the PIC outputs and feed the sysHSI block, while the remaining two outputs feed routing. Figure 10 shows the
block diagram of the PIC with the sysHSI block inputs and outputs.
From routing
PFUCLK0
PFUCLK1
CLK0
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
CLK7
4
From routing
Set/Reset
GSR
8
CEB1
OE
8
From routing
CEB0
8
From routing


Similar Part No. - LFX500EB-4FE680I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFX500B-3F900C LATTICE-LFX500B-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-3F900I LATTICE-LFX500B-3F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-4F900C LATTICE-LFX500B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-4F900I LATTICE-LFX500B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500C-3F900C LATTICE-LFX500C-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Similar Description - LFX500EB-4FE680I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com