Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2895DW
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895DW Datasheet(HTML) 4 Page - Texas Instruments

  UCC2895DW Datasheet HTML 1Page - Texas Instruments UCC2895DW Datasheet HTML 2Page - Texas Instruments UCC2895DW Datasheet HTML 3Page - Texas Instruments UCC2895DW Datasheet HTML 4Page - Texas Instruments UCC2895DW Datasheet HTML 5Page - Texas Instruments UCC2895DW Datasheet HTML 6Page - Texas Instruments UCC2895DW Datasheet HTML 7Page - Texas Instruments UCC2895DW Datasheet HTML 8Page - Texas Instruments UCC2895DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
4
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 µF,
CVDD = 0.1 µF and no load on the outputs, TA = TJ. TA = 0°C to 70°C for UCC3895x, TA = −40°C to 85°C for UCC2895x and TA = −55°C to 125°C
for the UCC1895x. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UVLO (UNDERVOLTAGE LOCKOUT)
UVLO(on)
Start-up voltage threshold
10.2
11
11.8
UVLO(off)
Minimum operating voltage after
start-up
8.2
9
9.8
V
UVLO(hys)
Hysteresis
1.0
2.0
3.0
SUPPLY
ISTART
Start-up current
VDD = 8 V
150
250
µA
IDD
Operating current
5
6
mA
VDD_CLAMP
VDD clamp voltage
IDD = 10 mA
16.5
17.5
18.5
V
VOLTAGE REFERENCE
TJ = 25°C
4.94
5.00
5.06
VREF
Output voltage
10 V < VDD < VDD_CLAMP,
0 mA < IREF < 5 mA,
temperature
4.85
5
5.15
V
ISC
Short circuit current
REF = 0 V,
TJ = 25°C
10
20
mA
ERROR AMPLIFIER
Common-mode input voltage range
−0.1
3.6
V
VIO
Offset voltage
−7
7
mV
IBIAS
Input bias current (EAP, EAN)
−1
1
µA
EAOUT_VOH
High-level output voltage
EAP−EAN = 500 mV,
IEAOUT = −0.5 mA
4.0
4.5
5.0
V
EAOUT_VOL
Low-level output voltage
EAP−EAN = −500 mV, IEAOUT = 0.5 mA
0
0.2
0.4
V
ISOURCE
Error amplifier output source current
EAP−EAN = 500 mV,
EAOUT = 2.5 V
1.0
1.5
mA
ISINK
Error amplifier output sink current
EAP−EAN = −500 mV, EAOUT = 2.5 V
2.5
4.5
mA
AVOL
Open-loop dc gain
75
85
dB
GBW
Unity gain bandwidth(1)
5.0
7.0
MHz
Slew rate(1)
1 V < EAN < 0 V,
EAP = 500 mV
0.5 V < EAOUT < 3.0 V
1.5
2.2
V/
µs
No-load comparator turn-off
threshold
0.45
0.50
0.55
No-load comparator turn-on
threshold
0.55
0.60
0.69
V
No-load comparator hysteresis
0.035
0.10
0.165
OSCILLATOR
fOSC
Frequency
TJ = 25°C
473
500
527
kHz
Frequency total variation(1)
Over line, temperature
2.5%
5%
VIH_SYNC
SYNC input threshold, SYNC
2.05
2.10
2.40
VOH_SYNC
High-level output voltage, SYNC
ISYNC = −400 µA,
VCT = 2.6 V
4.1
4.5
5.0
V
VOL_SYNC
Low-level output voltage, SYNC
ISYNC = 100 µA,
VCT = 0.0 V
0.0
0.5
1.0
V
Sync output pulse width
LOADSYNC = 3.9 kΩ and 30 pF in parallel
85
135
ns
VRT
Timing resistor voltage
2.9
3
3.1
VCT(peak)
Timing capacitor peak voltage
2.25
2.35
2.55
V
VCT(valley)
Timing capacitor valley voltage
0.0
0.2
0.4
V
(1)
Ensured by design. Not production tested.


Similar Part No. - UCC2895DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895DW TI-UCC2895DW Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895DW TI1-UCC2895DW Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895DWG4 TI1-UCC2895DWG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895DWTR TI-UCC2895DWTR Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895DWTR TI1-UCC2895DWTR Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com