Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE612AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE612AN
Description  Double-balanced mixer and oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE612AN Datasheet(HTML) 5 Page - NXP Semiconductors

  NE612AN Datasheet HTML 1Page - NXP Semiconductors NE612AN Datasheet HTML 2Page - NXP Semiconductors NE612AN Datasheet HTML 3Page - NXP Semiconductors NE612AN Datasheet HTML 4Page - NXP Semiconductors NE612AN Datasheet HTML 5Page - NXP Semiconductors NE612AN Datasheet HTML 6Page - NXP Semiconductors NE612AN Datasheet HTML 7Page - NXP Semiconductors NE612AN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1990 Sep 17
5
612A
4
5
612A
4
5
612A
4
5
612A
4
5
a. Single-Ended Ceramic Filter
b. Single-Ended Crystal Filter
c. Single-Ended IFT
d.. Balanced Output
CFU455
or Equivalent
12pF
CT*
*CT matches 3.5kΩ to next stage
Filter K&L 38780 or Equivalent
SR00104
Figure 6. Output Configuration
612A
4
5
a. Colpitts Crystal Oscillator
(Overtone Mode)
b. Colpitts L/C Tank Oscillator
c. Hartley L/C Tank Oscillator
3
6
2
7
1
8
612A
4
5
3
6
2
7
1
8
612A
4
5
3
6
2
7
1
8
TC02101S
TC02111S
TC02121S
XTAL
L1
C1
C2
C3
SR00105
Figure 7. Oscillator Circuits


Similar Part No. - NE612AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE612 PHILIPS-NE612 Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
More results

Similar Description - NE612AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com