Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2530DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2530DPBF
Description  DIM8TM DIMMING BALLAST CONTROL IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2530DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2530DPBF Datasheet HTML 1Page - International Rectifier IRS2530DPBF Datasheet HTML 2Page - International Rectifier IRS2530DPBF Datasheet HTML 3Page - International Rectifier IRS2530DPBF Datasheet HTML 4Page - International Rectifier IRS2530DPBF Datasheet HTML 5Page - International Rectifier IRS2530DPBF Datasheet HTML 6Page - International Rectifier IRS2530DPBF Datasheet HTML 7Page - International Rectifier IRS2530DPBF Datasheet HTML 8Page - International Rectifier IRS2530DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IRS2530D(S)
www.irf.com
© 2008 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-Side Floating Supply Voltage
-0.3
625
VS
High-Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
VHO
High-Side Floating Output Voltage
VS - 0.3
VB + 0.3
VLO
Low-Side Output Voltage
-0.3
VCC + 0.3
VVCO
VCO Input Voltage
††
-0.3
6
VDIM
DIM Input Voltage
-0.3
VCC + 0.3
V
ICC
Supply Current
---
20
IOMAX
Maximum allowable current at LO, HO and PFC due to
external power transistor Miller effect.
-500
500
mA
dVS/dt
Allowable VS Pin Voltage Slew Rate
-50
50
V/ns
PD
Maximum Power Dissipation @ TA ≤ +25ºC, 8-Pin DIP
---
1.0
PD
Maximum Power Dissipation @ TA ≤ +25ºC, 8-Pin SOIC
---
0.625
W
R
θJA
Thermal Resistance, Junction to Ambient, 8-Pin DIP
---
85
R
θJA
Thermal Resistance, Junction to Ambient, 8-Pin SOIC
---
128
ºC/W
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
---
300
ºC
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal
breakdown voltage of 15.6V. This supply pin should not be driven by a DC, low impedance power
source greater than the VCLAMP specified in the Electrical Characteristics section.
††
This IC contains a zener clamp structure between the chip VCO and COM which has a nominal
breakdown voltage of 7.25V. This pin should not be driven by a DC, low impedance power source
greater than the VVCOMAX specified in the Electrical Characteristics section.


Similar Part No. - IRS2530DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
More results

Similar Description - IRS2530DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com