Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRIS-G5624A Datasheet(PDF) 4 Page - International Rectifier

Part No. IRIS-G5624A
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-G5624A Datasheet(HTML) 4 Page - International Rectifier

  IRIS-G5624A_1 Datasheet HTML 1Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 2Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 3Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 4Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 5Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 6Page - International Rectifier IRIS-G5624A_1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.irf.com
IRIS-G5624A
MOSFET A.S.O. Curve
0.01
0.1
1
10
100
1
10
100
1000
Drain-to-Source Voltage VDS [V]
0.1ms
1ms
Drain current
limit by ON
resistance
ASO temperature derating
shall be made by obtaining
ASO Coefficient from the left
curve in your use.
IRIS-G5624A
IRIS-G5624A
A.S.O. temperature derating coefficient curve
0
20
40
60
80
100
0
20
40
60
80
100
120
Internal frame temperature TF [℃]
IRIS-G5624A
Maximum Switching current derating curve
           
T a=‐20~+125℃
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.70
0.80
0.90
1.00
1.10
1.20
V2-3 [V]
IRIS-G 5624A
A valanche energy derating curve
0
20
40
60
80
100
25
50
75
100
125
150
Channel temperature T ch [℃ ]
Ta=25º
Single Pulse


Similar Part No. - IRIS-G5624A_1

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-G5624A_1

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
IRIS-A6151 IRF-IRIS-A6151 Datasheet
394Kb / 7P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4011 IRF-IRIS4011 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS-F6456S IRF-IRIS-F6456S Datasheet
274Kb / 7P
   INTEGRATED SWITCHER
IRIS4009 IRF-IRIS4009 Datasheet
58Kb / 6P
   INTEGRATED SWITCHER
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz