Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX64VIF20832 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LX64VIF20832
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64VIF20832 Datasheet(HTML) 2 Page - Lattice Semiconductor

  LX64VIF20832 Datasheet HTML 1Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 2Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 3Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 4Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 5Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 6Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 7Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 8Page - Lattice Semiconductor LX64VIF20832 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
2
Figure 1. ispGDX2 Block Diagram (256-I/O Device)
Introduction
The ispGDX2™ family is Lattice’s second generation in-system programmable generic digital crosspoint switch for
high speed bus switching and interface applications.
The ispGDX2 family is available in two options. The standard device supports sysHSI capability for ultra fast serial
communications while the lower-cost “E-series” supports the same high-performance FPGA fabric without the
sysHSI Block.
This family of switches combines a flexible switching architecture with advanced sysIO interfaces including high
performance sysHSI Blocks, and sysCLOCK PLLs to meet the needs of the today’s high-speed systems. Through
a muliplexer-intensive architecture, the ispGDX2 facilitates a variety of common switching functions.
The availability of on-chip control logic further enhances the power of these devices. A high-performance solution,
the family supports bandwidth up to 38Gbps.
Every device in the family has a number of PLLs to provide the system designer with the ability to generate multiple
clocks and manage clock skews in their systems.
GDX Block
sysCLOCK
PLL
sysCLOCK
PLL
SERDES
sysIO Bank
sysIO Bank
sysIO Bank
sysIO Bank
SERDES
GDX Block
SERDES
GDX Block
SERDES
SERDES
SERDES
SERDES
SERDES
GDX Block
GDX Block
GDX Block
GDX Block
GDX Block
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
ISP & Boundary Scan
Test Port
sysHSI
Block
sysHSI
Block
sysHSI
Block
sysHSI
Block
sysCLOCK
PLL
sysCLOCK
PLL
Global Routing Pool
(GRP)


Similar Part No. - LX64VIF20832

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX64V LATTICE-LX64V Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX64V-3F100C LATTICE-LX64V-3F100C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX64V-3F100C LATTICE-LX64V-3F100C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX64V-3FN100C LATTICE-LX64V-3FN100C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX64V-3FN100C LATTICE-LX64V-3FN100C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX64VIF20832

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com