Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX256CCF20832 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LX256CCF20832
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256CCF20832 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LX256CCF20832 Datasheet HTML 6Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 7Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 8Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 9Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 10Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 11Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 12Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 13Page - Lattice Semiconductor LX256CCF20832 Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
10
N divider is used to multiply the clock signal. The K divider is used to provide a divided clock frequency of the adja-
cent PLL. This output can be routed to the global clock net. The V divider is used to provide lower frequency output
clocks, while maintaining a stable, high frequency output from the PLL’s VCO circuit. The PLL also has a delay fea-
ture that allows the output clock to be advanced or delayed to improve set-up and clock-to-out times for better per-
formance. For more information on the PLL, please refer to Lattice technical note number TN1003, sysCLOCK PLL
Design and Usage Guidelines.
Figure 6. sysCLOCK PLL
There are four global clock networks routed to each MRB block. These global clocks, CLK0-3, can either be gener-
ated by the PLL circuits or supplied externally. External clock pins can be configured as single-ended or differential
(LVDS) input. Figure 7 illustrates how the sysCLOCK PLL inputs and outputs can be routed to the I/O pins or gen-
eral routing. Figure 10 shows the clock network for the ispGDX2-256 and Figure 8 shows the clock networks for
ispGDX2-128 and ispGDX2-64. The Reset (0) pin from the Control Array of selected GDX Blocks can be pro-
grammed to reset the M Divider of the PLLs. This provides a means for generating the reset signal internally.
Table 5 details which GDX Block provides reset to the PLLs.
Table 5. Internal Reset Input of the PLL (M Divider)
PLL0
PLL1
PLL2
PLL3
ispGDX2-256
GDX Block 5A
GDX Block 7B
GDX Block 1A
GDX Block 3B
ispGDX2-128
GDX Block 2A
GDX Block 0A
ispGDX2-64
GDX Block 0A
GDX Block 1B
CLK_IN
PLL_RST
PLL_FBK
PLL_LOCK
CLK_OUT
Clock Net
Input Clock
(M) Divider
1 to 32
PLL (n)
Programmable
+Delay
--------------------
Programmable
-Delay
To Adjacent_PLL
Feedback
Divider (N)
X 1 to 32
Post-scalar
(V) Divider
1, 2, 4, 8,
16, 32
Clock (K)
Divider
2, 4, 8,
16, 32
From
Adjacent_PLL


Similar Part No. - LX256CCF20832

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX256C LATTICE-LX256C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256C-35F484C LATTICE-LX256C-35F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256C-35FN484C LATTICE-LX256C-35FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256C-5F484C LATTICE-LX256C-5F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256C-5FN484C LATTICE-LX256C-5FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX256CCF20832

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com