Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6206P152LL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6206P152LL
Description  Low ESR Cap.Compatible Positive Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6206P152LL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6206P152LL Datasheet HTML 1Page - Torex Semiconductor XC6206P152LL Datasheet HTML 2Page - Torex Semiconductor XC6206P152LL Datasheet HTML 3Page - Torex Semiconductor XC6206P152LL Datasheet HTML 4Page - Torex Semiconductor XC6206P152LL Datasheet HTML 5Page - Torex Semiconductor XC6206P152LL Datasheet HTML 6Page - Torex Semiconductor XC6206P152LL Datasheet HTML 7Page - Torex Semiconductor XC6206P152LL Datasheet HTML 8Page - Torex Semiconductor XC6206P152LL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
XC6206 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
x 0.98
VOUT(T)
x 1.02
Output Voltage
(*7)
VOUT(E)
(*2)
IOUT=30mA
E-1
V
Maximum Output
Current
IOUTMAX
-
E-2
-
-
mA
Load Regulation
△VOUT
VOUT(T)>1.8V: 1mA
≦IOUT≦100mA
VOUT(T)<1.8V: 1mA
≦IOUT≦50mA
-
-
E-3
mV
Vdif1
IOUT=30mA
-
E-4
mV
Dropout Voltage
Vdif2
VOUT(T)>1.8V: IOUT=100mA
VOUT(T)<1.8V: IOUT=60mA
-
E-5
mV
Supply Current
IDD
VCE=VIN
-
1.0
3.0
μA
Line Regulation
△VOUT
△VIN・VOUT
VOUT(T)<4.5V:VOUT(T)+1.0V
≦VIN≦6.0V
VOUT(T)>4.5V:5.5V
≦VIN≦6.0V
IOUT=30mA
-
0.05
0.25
%/V
Input Voltage
VIN
-
1.8
-
6.0
V
-
Output Voltage
Temperature
Characteristics
△VOUT
△Topr・VOUT
IOUT=30mA
-40
OC≦Topr≦85 OC
-
+100
-
ppm/
OC
Short Circuit
Current
Ishort
VIN=VOUT+1.5V, VOUT=VSS
-
E-6
-
mA
■ELECTRICAL CHARACTERISTICS
NOTE:
* 1 : VOUT(T) = Specified output voltage
* 2 : VOUT(E) = Effective output voltage (le. The output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
* 3 : Vdif = {VIN 1
(*5) -VOUT 1(*4) }
* 4 : VOUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T) + 1.0V} is input.
* 5 : VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
* 6 : Unless otherwise stated, VIN = VOUT(T) + 1.0V
* 7 : When VOUT(T)>1.5V, accuracy is +2%.
When VOUT(T)<1.5V, accuracy is MIN.:VOUT(T) -30mV / MAX.:VOUT(T) +30mV
±1% accuracy (MIN.: VOUT(T) x 0.99 / MAX.:VOUT(T) x 1.01) is set at VOUT(T)>2.0V
●XC6206P series
Ta=25
OC
4/17


Similar Part No. - XC6206P152LL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6206P121DR TOREX-XC6206P121DR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LB TOREX-XC6206P121LB Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121LH TOREX-XC6206P121LH Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121MR TOREX-XC6206P121MR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206P121PR TOREX-XC6206P121PR Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results

Similar Description - XC6206P152LL

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206 TOREX-XC6206_1 Datasheet
1Mb / 14P
   Low ESR Cap.Compatible positive Voltage Regilrators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com